Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR40 Datasheet(PDF) 2 Page - 3M Electronics

Part # PR40
Description  3M Scotch-Weld??Plastic and Rubber Instant Adhesives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PR40 Datasheet(HTML) 2 Page - 3M Electronics

  PR40 Datasheet HTML 1Page - 3M Electronics PR40 Datasheet HTML 2Page - 3M Electronics PR40 Datasheet HTML 3Page - 3M Electronics PR40 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch-Weld™
Plastic and Rubber Instant Adhesives
PR40 • PR100 • PR600 • PR1500 • PR Gel
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M
™ Scotch-Weld™ Plastic and Rubber Instant Adhesives
PR40
PR100
PR600
PR1500
PR Gel
Color
Clear
Clear
Clear
Clear
Clear
Base
Ethyl Hybrid
Ethyl Hybrid
Ethyl Hybrid
Ethyl Hybrid
Ethyl Hybrid
Appearance
Liquid
Liquid
Liquid
Liquid
Liquid
Specific Gravity (g/ml)
1.06
1.06
1.07
1.08
1.10
Viscosity (cps)
20 - 451
70-110 1
500-700 2
1,200 -
1,700 3
100,000
–
150,000 4
Time to Handling Strength (sec)*
<15
<20
<35
<45
<25
Full Cure time (hr)
24
24
24
24
24
1 Cone-Plate viscosity, CP75 at 3000/s shear rate; 2 Cone-Plate viscosity, CP75 at 100/s shear rate, 3 Cone-Plate viscosity, CP50 at 100/s shear rate,
4 Brookfield viscosity, Spindle TC @ 2.5 rpm; * On EPDM. Time to handling is substrate dependent.
Typical Cured
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M
™ Scotch-Weld™ Plastic and Rubber Instant Adhesives
PR40
PR100
PR600
PR1500
PR Gel
Temperature Range (oF)
-65 to 180
-65 to 180
-65 to 180
-65 to 180
-65 to 180
Gap Fill (in)
0.004
0.006
0.006
0.008
0.020
Overlap Shear Strength1 (psi)
PR40
PR100
PR600
PR1500
PR Gel
Steel 2
2000
2100
2100
2100
2200
Stainless Steel 2
-
2700
2800
2950
3100
Aluminum 2
-
2223
2326
2387
2400
ABS
900 3
9503
12003
1400 3
1050 3
Polycarbonate
660 3
750 3
750 3
700 3
900 3
PVC
-
1750 3
1750 3
1000 3
1750 3
Nylon
-
850
900
600
950
Polypropylene 4
-
1100 3
1050 3
600 3
1100 3
Silicone Elastomer 5
-
100 3
100 3
100 3
100 3
1 ASTM D-1002
2 Grit blasted
3 Substrate failure
4 Primed with AC77
5 Primed with AC79
- 2 -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com