Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3RDI Datasheet(PDF) 2 Page - 3M Electronics

Part # 3RDI
Description  3M™ Scott™ Epic 3 RDI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3RDI Datasheet(HTML) 2 Page - 3M Electronics

  3RDI Datasheet HTML 1Page - 3M Electronics 3RDI Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Physical
Dimensions
100mm x 60mm x 58mm
Weight
200g with 3 AAA batteries
Microphone
Model Type
High sensitivity microphone with auto gain control and breath detection technology
Speakers
Diameter
Front: 40mm / Rear: 20mm
Frequency Response
Front: 300-4000Hz / Rear: 500-4000Hz
Communications
Wireless Communications
Provides Bluetooth® voice communications operation with compatible Motorola APXTM and
Harris XL series radios and matching Remote Speaker Microphones (RSM). Support for
additional field radio models pending.
Facepiece Voice Enhancement
Amplifies and enhances facepiece voice intelligibility
Part Number
201276-11
EPIC 3 RDI Voice Amplifier for use with Motorola APX radios, Open Bracket Configuration
201276-12
EPIC 3 RDI Voice Amplifier for use with Motorola APX radios, Closed Bracket Configuration
201276-21
EPIC 3 RDI Voice Amplifier for use with Harris XL radios, Open Bracket Configuration
201276-22
EPIC 3 RDI Voice Amplifier for use with Harris XL radios, Closed Bracket Configuration
Power
Power Source
3 – AAA Alkaline batteries, intrinsically safe; compatible with rechargeable NiMH batteries
Battery Life
Designed to deliver 10 hours runtime @ 25% voice amplification duty cycle use and 100%
Bluetooth connectivity duty cycle use with compatible Bluetooth-enabled handheld field
radios. Runtimes may vary based on field radio Bluetooth configuration.
Environmental
High Heat and Flame
500ºF / 260º C for 5 min soak with a 10 second flame followed by a 6 inch drop.
Standard Heat and Flame
203º F / 95º C for 15 minute soak with a 10 second flame followed by a 6 inch drop
Radiant Heat
15 kW/m2 for 5 minutes at 7 inches +/- 1 inch from heat source followed by a 6 inch drop
Storage Temp
-30 C to +60 C
Humidity
MIL-STD 507.x PROC. II
Ingress Protection
IP66 and IP67
Drop & Tumble
6 ft drop all 6 sides – 30 minute tumble.
Regulatory Approvals and
Certifications
NFPA
NFPA 1981 approved (2002/2007/2013 Editions). Complies with NFPA 2013 Edition SCBA
Sound Transmission Index (STI) acoustic standards for voice intelligibility.
NIOSH
Meets NIOSH 42 CFR, Part 84 certification standard
ESD
IEC/EN61000-4-2
Intrinsic Safety Rating
UL 913, IS 6th and 7th Editions: Class I, II, III, Division 1, Groups C, D, E, F and G.
Ex ia IIB T3 Ga IP66/67; IEC standards IEC 60079-0: 2007-10 Edition 5; and IEC
60079-11:2011 Edition 6.0
3M Scott Fire & Safety
Personal Safety Division
Monroe Center, P.O. Box 569
Monroe, NC 28111
Phone 1-800-247-7257
E-Mail ScottMonroeCSR@scottsafety.com
Web
3MScott.com
H/S 7567_RevB_EN 2/19 ISO 9001 Registered.
Please recycle. Printed in USA © 3M 2018. All rights
reserved. 3M and Scott are trademarks of 3M.
The Bluetooth® word mark and logos are registered trademarks owned by Bluetooth SIG, Inc. and any use of such marks by 3M Scott is under license. Other trademarks and trade names are
those of their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com