Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5046IC-PWM2-R100 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE5046IC-PWM2-R100
Description  High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5046IC-PWM2-R100 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE5046IC-PWM2-R100 Datasheet HTML 5Page - Infineon Technologies AG TLE5046IC-PWM2-R100 Datasheet HTML 6Page - Infineon Technologies AG TLE5046IC-PWM2-R100 Datasheet HTML 7Page - Infineon Technologies AG TLE5046IC-PWM2-R100 Datasheet HTML 8Page - Infineon Technologies AG TLE5046IC-PWM2-R100 Datasheet HTML 9Page - Infineon Technologies AG TLE5046IC-PWM2-R100 Datasheet HTML 10Page - Infineon Technologies AG TLE5046IC-PWM2-R100 Datasheet HTML 11Page - Infineon Technologies AG TLE5046IC-PWM2-R100 Datasheet HTML 12Page - Infineon Technologies AG TLE5046IC-PWM2-R100 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
The full overview including detailed descriptions of the functionality of each safety mechanism and the detailed
failure reaction can be found in the Safety Manual.
The entirety of Infineon experience has been used to identify and prevent common cause of failure in the
application including EMC disturbances and mechanical tolerances. An advanced EMC concept, inclusive of
microbreak feature, without the need of external components, maximizes the availability of the sensor signal at
the electrical interface. Also, the speed algorithm is designed for fast start-up and optimization of duty cycle.
The extremely low jitter of the sensor contributes to high time accuracy of the speed signal.
TLE5046iC is accompanied by accurate safety analysis and complete documentation to enable the system
integrator to quickly evaluate the compatibility with the system/item and start the integration process. A
detailed description of how the sensor is to be used in an ISO26262 compliant system can be found in the Safety
Manual and Safety Analysis Summary Report, which are available on request.
6
ESD and EMC Characteristics
The TLE5046iC is characterized according to the IC level EMC requirements described in the “Generic IC EMC
Test Specification” Version 2.0 from 2014. EMC testreport is available on request.
Additionally component level EMC characterizations are performed according to ISO 7637-2:2011, ISO
7637-3:2007 and ISO 16750-2:2010 regarding pulse immunity, and CISPR 25 (2009-01) Ed. 3.0 regarding
conducted emissions.
7
ESD HBM Model
Table 6
Parameter
Symbol Min.
Typ.
Max.
Unit
Note / Test Condition
ESD Voltage
VHBM
-
-
±12
kV
Method AEC-Q100 Rev H (1.5 kΩ,
100 pF)
8
Product Qualification
Product qualification according to AEC-Q100 Grade 0 is performed.
TLE5046iC
Technical product description
6 ESD and EMC Characteristics
Technical Product Description
9
Revision 2.0
2020-06-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com