Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5046IC-PWM2E-R050 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5046IC-PWM2E-R050
Description  High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5046IC-PWM2E-R050 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5046IC-PWM2E-R050 Datasheet HTML 4Page - Infineon Technologies AG TLE5046IC-PWM2E-R050 Datasheet HTML 5Page - Infineon Technologies AG TLE5046IC-PWM2E-R050 Datasheet HTML 6Page - Infineon Technologies AG TLE5046IC-PWM2E-R050 Datasheet HTML 7Page - Infineon Technologies AG TLE5046IC-PWM2E-R050 Datasheet HTML 8Page - Infineon Technologies AG TLE5046IC-PWM2E-R050 Datasheet HTML 9Page - Infineon Technologies AG TLE5046IC-PWM2E-R050 Datasheet HTML 10Page - Infineon Technologies AG TLE5046IC-PWM2E-R050 Datasheet HTML 11Page - Infineon Technologies AG TLE5046IC-PWM2E-R050 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
4
AK Protocol
TLE5046iC-AK-LR and TLE5046iC-AK-ERR devices are compliant with: “Requirement Specifications for
Standardized Interface for Wheel Speed Sensors with Additional Information ‘AK-Protocol’ Version: 4.0” dated
13.02.2008 of Daimler AG, unless otherwise stated in this document or in the valid Technical Datasheets.
The following illustration defines the meaning of the data protocol. The bits 0 - 8 in the illustration are
designated as the data protocol and their purpose is to transfer additional information to the speed pulse.
Bit position #0 can be used as an indication for air gap reserve (LR), or can be interpreted by the ECU as an
“error bit” and treated in a special way (ERR). The two different variants TLE5046iC-AK-LR and TLE5046iC-AK-
ERR, respectively, perform accordingly.
Figure 4
Data protocol
5
Safety Mechanisms
The TLE5046iC offers safety features to support the Automotive Safety Integrity Level ASIL B and is designed to
be used in ASIL D systems.
An embedded safety concept was developed to notify the Control System in case of an internal error by setting
the output current level to a constant failure indication level IError.
An embedded safety concept was developed to minimize the effect of hard and soft random errors by the
introduction of specific safety mechanisms. In case of an internal error a notification to the ECU is transmitted
by either setting the output current level to a constant failure indication level IError or transmitting an error flag
via the protocol.
Following safety mechanisms have been implemented:
Undervoltage detection: This safety mechanism detects voltage drops to values where the correct
functionality of the circuitry is no more ensured. The sensor remains in this state until the error condition is
solved and VDD is back into normal operating range.
Detection of discrepancy between number of active fuses and internally stored number of fuses: This safety
mechanism compares the active fuse bits against the internal stored quantity. The sensor remains in this
failure indication state IError until the device is powered off and on again and the error condition is not
present any longer.
Detection of clock malfunction: This safety mechanism forces the failure indication state if the clock is
either stuck or below 25% of the nominal value
Detection of different numbers between speed and direction path: This safety mechanism verifies if more
than two consecutive electric events are generated without any detected event in the direction path or vice
versa
Detection of critical air gap, ADC clipping and temperature monitoring: This safety mechanisms verifies
critical states inside the ASIC itself.
TLE5046iC
Technical product description
4 AK Protocol
Technical Product Description
8
Revision 2.0
2020-06-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com