Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T835H-8G Datasheet(PDF) 5 Page - STMicroelectronics

Part # T835H-8G
Description  8 A - 800 V - 150 °C 8H Triac in D2PAK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835H-8G Datasheet(HTML) 5 Page - STMicroelectronics

  T835H-8G Datasheet HTML 1Page - STMicroelectronics T835H-8G Datasheet HTML 2Page - STMicroelectronics T835H-8G Datasheet HTML 3Page - STMicroelectronics T835H-8G Datasheet HTML 4Page - STMicroelectronics T835H-8G Datasheet HTML 5Page - STMicroelectronics T835H-8G Datasheet HTML 6Page - STMicroelectronics T835H-8G Datasheet HTML 7Page - STMicroelectronics T835H-8G Datasheet HTML 8Page - STMicroelectronics T835H-8G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 7. Thermal resistance junction to ambient versus
copper surface under tab
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
D²PAK
Epoxy printed circuit board FR4, e
Cu = 35 µm
Figure 8. Relative variation of leakage current versus
junction temperature for different values of blocking
voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
IDRM/IRRM [Tj, VDRM/VRRM] / IDRM/IRRM [Tj max.,800 V]
Tj(°C)
VD = VR = 600 V
VD = VR = 800 V
Figure 9. Relative variation of gate trigger voltage and
current versus junction temperature (typical values)
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
IGT,VGT[Tj] / IGT,VGT[Tj = 25 °C]
Tj (°C)
IGT Q3
VGT
IGT Q1-Q2
Figure 10. Relative variation of holding current and
latching current versus junction temperature (typical
values)
0
0.4
0.8
1.2
1.6
-50
-25
0
25
50
75
100
125
150
IH,IL [Tj] / IH,IL [Tj = 25 °C]
Tj (°C)
IL
IH
Figure 11. Surge peak on-state current versus number of
cycles
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
ITSM(A)
Number of cycles
Repetitive
Tc = 139°C
Non repetitive
Tj initial = 25 °C
t =20ms
One cycle
Figure 12. Non repetitive surge peak on-state current for a
sinusoidal pulse with width tp < 10 ms
10
100
1000
0.01
0.10
1.00
10.00
360°
α
Tj initial = 25 °C
I
TSM
ITSM(A)
dl/dt limitation: 100 A/µs
t
p
(ms)
T835H-8G
Characteristics (curves)
DS13570 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com