Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1012 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FS1012
Description  Gas and Liquid Flow Sensor Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1012 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FS1012 Datasheet HTML 1Page - Renesas Technology Corp FS1012 Datasheet HTML 2Page - Renesas Technology Corp FS1012 Datasheet HTML 3Page - Renesas Technology Corp FS1012 Datasheet HTML 4Page - Renesas Technology Corp FS1012 Datasheet HTML 5Page - Renesas Technology Corp FS1012 Datasheet HTML 6Page - Renesas Technology Corp FS1012 Datasheet HTML 7Page - Renesas Technology Corp FS1012 Datasheet HTML 8Page - Renesas Technology Corp FS1012 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FS1012 Datasheet
© 2018 Integrated Device Technology, Inc.
3
November 19, 2018
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the FS1012 at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 2.
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VH
Heater Voltage Supply
5.6
V
TSTOR
Storage Temperature
-50
130
°C
PBURST
Burst Pressure
10
bar
Recommended Operating Conditions
Table 3.
Recommended Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Units
TAMB
Ambient Operating Temperature[a]
0
85
°C
IHTR_CC
Heater Driving Current – Constant Current[a]
10
20
mA
VHTR_CV
Heater Driving Voltage – Constant Voltage[a]
3
5.6
V
[a] Sensor specifications are tested at the wafer die level.
Electrical Characteristics
Table 4.
Electrical Characteristics
Note: See important notes at the end of the table.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
RH
Heater Resistor[a]
230
290
400
Ω
_
HTR
Heater Temperature
Coefficient of Resistance[a]
300
ppm/°C
VTP_OUT
Thermopile Output[a]
3V driving voltage, in air, 20°C,
no flow
30
35
60
mV
RTP
Thermopile Resistance[a]
20°C
100
210
300
KΩ
VTP_OUTDIFF
Thermopile Differential
Output[a]
3V driving voltage, in air, 20°C,
no flow
-1
0
1
mV
tRESP
Response Time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com