Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1025 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FS1025
Description  Liquid Flow Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1025 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FS1025 Datasheet HTML 1Page - Renesas Technology Corp FS1025 Datasheet HTML 2Page - Renesas Technology Corp FS1025 Datasheet HTML 3Page - Renesas Technology Corp FS1025 Datasheet HTML 4Page - Renesas Technology Corp FS1025 Datasheet HTML 5Page - Renesas Technology Corp FS1025 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FS1025 Datasheet
© 2017 Integrated Device Technology, Inc.
2
December 14, 2017
Pin Assignments
Figure 1. Pin Assignments for Module – Top View
Pin
Fluid Flow
P2 Output
P1 Input
Pin Descriptions
Table 1.
Pin Descriptions
Pin Number
Pad Name
Type
Description
1
VDD
In
Supply voltage
2
GND
In
Ground
3
OUTPUT
Out
Flow analog output
4
NC
─
Do not connect[a]
5
HE
In
Heater enable, +5V
6
TEMP
Out
Thermistor analog output
[a] “NC” stands for not connected / no connection required / not bonded.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com