Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1027 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS1027
Description  Liquid Flow Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1027 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS1027 Datasheet HTML 1Page - Renesas Technology Corp FS1027 Datasheet HTML 2Page - Renesas Technology Corp FS1027 Datasheet HTML 3Page - Renesas Technology Corp FS1027 Datasheet HTML 4Page - Renesas Technology Corp FS1027 Datasheet HTML 5Page - Renesas Technology Corp FS1027 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FS1027 Datasheet
© 2017 Integrated Device Technology, Inc.
4
December 17, 2017
Mechanical Drawings
The module dimensional drawing is located at the end of this document. The package information is the most current data available and is
subject to change without notice or revision of this document.
Ordering Information
Orderable Part Number
Description and Package
Shipping Packaging
Temperature
FS1027
FS1027: 0 to 10 liter/min liquid flow sensor module with
amplified analog output
Box
5°C to +75°C
Revision History
Revision Date
Description of Change
December 17, 2017
Initial release.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com