Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31010CEB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSC31010CEB
Description  RBicLiteTM Analog Output Sensor Signal Conditioner
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31010CEB Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSC31010CEB Datasheet HTML 1Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 2Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 3Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 4Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 5Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 6Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 7Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 8Page - Renesas Technology Corp ZSC31010CEB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
RBicLiteTM Analog Output
Sensor Signal Conditioner
ZSC31010
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 20, 2016
2
1
5
6
7
8
3
4
ZSC31010
Bsink
VBP
N/C
VBN
VSS
SIG
TM
VDD
Vgate
0.1
mF
Vsupply
Ground
+5.5 to +30 V
OUT
Optional Bsink
S
D
JFET
10 nF
ADC
Analog Block
Digital Block
RBicLITE™
ZSC31010
0 V to 1 V
Ratiometric
Rail-to-Rail
OWI/
ZACwire
TM
0.1
mF
VSS
VBP
DAC
OUTBUF
ZACwire
TM
Interface
DSP
EEPROM
PREAMP
INMUX
Temp.
Reference
VDD
Regulator
Power Save
POR Osc.
VBN
Vgate
VDD
SIG
TM
Bsink
optional
2.7 to 5.5 V
JFET
(optional if supply is 2.7 to 5.5 V)
D
S
VSUPPLY
5.5 V to 30 V
1nF
Highly Versatile Applications
in Many Markets Including
Industrial
Building Automation
Office Automation
White Goods
Automotive
Portable Devices
Your Innovative Designs
2
1
5
6
7
8
3
4
ZSC31010
Bsink
VBP
N/C
VBN
VSS
SIG
TM
VDD
Vgate
0.1
mF
Vsupply
Ground
+2.7 to +5.5 V
OUT
Optional Bsink
10 nF
ZSC31010 Block Diagram
Rail-to-Rail Ratiometric Voltage Output Applications
Absolute Analog Voltage Output Applications
Ordering Examples (Please see section 11 in the data sheet for additional options.)
Sales Code
Description
Package
ZSC31010CEB
ZSC31010 Die — Temperature range: -50°C to +150°C
Unsawn on Wafer
ZSC31010CEC
ZSC31010 Die — Temperature range: -50°C to +150°C
Sawn on Wafer Frame
ZSC31010CEG1
ZSC31010 SOP8 (150 mil) — Temperature range: -50°C to +150°C
Tube: add “-T” to sales code
Reel: add “-R”
ZSC31010KIT
ZSC31010 ZACwire™ SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement
Board, USB Cable, 5 IC Samples
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com