Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS16 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ABS16
Description  Glass passivated bridge rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ABS16 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ABS16 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ABS16 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ABS16 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABS12~ABS110
Features
●
Low forward voltage drop
●
Low power losses, high efficiency
●
High Current Capability
●
High surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2011/65/EU and WEEE 2002/96/EC
Mechanical Date
●
Case:ABS
Major Ratings and Characteristics
Molding compound meets
UL 94 V-0 flammability rating
●
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
●
Polarity: Polarity symbols marked on case
●
Mounting Position: Any
Maximum Ratings & Thermal Characteristics (T
A=25℃ unless otherwise noted)
Items
Symbol
ABS
12
ABS
14
ABS
16
ABS
18
ABS
110
Unit
A
-
5
-
-
-
-
1.00
Max.
Typ.
Min.
V
Note1: Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
V
℃
Unit
200
140
200
400
280
400
600
420
600
A
℃/W
Test conditions
Items
VDC
IFSM
RθJL
560
800
1000
700
1000
Maximum average forward rectified current at TL=100℃
500
Symbol
Maximum DC blocking voltage
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
Thermal resistance from junction to lead
(1)
1.0
Operating junction temperature range
TJ
35.0
25.0
-55 to +150
VF
IF(AV)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Electrical Characteristics (T
A = 25 °
C unless otherwise noted)
-55 to +150
V
TJ=25℃
IR
μA
TJ=125℃
VR=VDC
IF=1.0A
(2)
Instantaneous forward voltage per leg
Reverse current
-
storage temperature range
TSTG
V
IF(AV)
1.0A
200 V to 1000 V
35A
1.0V
150°C
VRRM
IFSM
VF
TJmax.
IR
5μA
Maximum repetitive peak reverse voltage
Maximum RMS voltage
VRRM
VRMS
800
ABS
Glass passivated bridge rectifier
Rev : 01.06.2014
1/3
www.leiditech.com


Similar Part No. - ABS16

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ABS161031 PANASONIC-ABS161031 Datasheet
297Kb / 11P
HIGH ENVIRONMENTAL RESISTANCE
ABS161034 PANASONIC-ABS161034 Datasheet
297Kb / 11P
HIGH ENVIRONMENTAL RESISTANCE
ABS161040 PANASONIC-ABS161040 Datasheet
297Kb / 11P
HIGH ENVIRONMENTAL RESISTANCE
ABS161040 PANASONIC-ABS161040 Datasheet
688Kb / 26P
Subminiature Size Sealed Switches
2021.10
ABS161041 PANASONIC-ABS161041 Datasheet
297Kb / 11P
HIGH ENVIRONMENTAL RESISTANCE
More results

Similar Description - ABS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A CHONGQING-GBU4A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU6A CHONGQING-GBU6A Datasheet
41Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotech Company.
GBJ4005 DIOTECH-GBJ4005 Datasheet
953Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com