Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB201 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DB201
Description  Bridge rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DB201 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DB201 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DB201 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DB201 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DB201 thru DB207
Bridge rectifiers
Features
●
Ideal for printed circuit board application
●
Surge overload ratings to 50 amperes
●
High temperature soldering guaranteed:
260°C/5 seconds
●
Component in accordance to
RoHS 2011/65/EU
Mechanical Date
●
Case:DB
Molding compound meets
UL 94 V-0 flammability rating
Major Ratings and Characteristics
●
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
●
Polarity: Marked on body
●
Mounting Position: Any
●
Marking: type number
Maximum Ratings & Thermal Characteristics (T
A=25℃ unless otherwise noted)
μA
V
IF(AV)
2.0A
50 V to 1000 V
50A
1.1V
150°C
VRRM
IFSM
VF
TJmax.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
VRMS
DB
202
DB
203
DB
204
V
V
℃
Items
Maximum instantaneous forward voltage drop per leg
at 2.0A
A
℃/W
Operating junction and storage temperature
range
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
Thermal resistance from junction to lead
V
A
1.1
DB201~DB207
Unit
Electrical Characteristics (T
A = 25 °C unless otherwise noted)
Maximum DC blocking voltage
Average forward rectified current at TL=90℃
IF(AV)
IFSM
RθJL
TJ ,TSTG
VDC
Symbol
VF
Maximum DC reverse current at rated DC
blocking voltage per element
35
50
2.0
50
15
-55 to +150
100
200
400
600
800
1000
70
140
280
420
560
700
TA=25℃
IR
TA=125℃
10
500
Unit
50
100
200
400
600
800
1000
Items
Symbol
DB
201
VRRM
DB
205
DB
206
DB
207
~
~
DB
~
~
Rev : 01.06.2014
1/3
www.leiditech.com


Similar Part No. - DB201

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DB201 MCC-DB201 Datasheet
247Kb / 3P
2.0 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
DB201 LUGUANG-DB201 Datasheet
152Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
DB201 FORMOSA-DB201 Datasheet
1Mb / 6P
Bridge Rectifier
logo
Guangdong Juxing Electr...
DB201 JUXING-DB201 Datasheet
795Kb / 2P
BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB201 GWSEMI-DB201 Datasheet
63Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - DB201

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com