Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF151S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DF151S
Description  1.5 A Single-Phase Glass Passivated Bridge Rectifiers Rectifier Reverse Voltage 50 to 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DF151S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DF151S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DF151S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings & Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
unit
Maximum repetitive peak reverse voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current at TA=40 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Typical thermal resistance per element (1)
Typical junction capacitance per element (2)
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
per leg at 1.5A
Maximum DC reverse current at rated TA =25 C
DC blocking voltage per element
TA =125 C
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
ReJA
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
50
110
-55 to + 150
1.1
10
500
V
V
V
A
A
C / W
V
A
2
sec
Notes: (1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
(2)Measured at 2.0MHz and applied reverse voltage of 4.0 volts.
1.5
25.0
p
F
Cj
DF151S DF152S DF153S DF154S DF155S DF156S DF157S
Features
Mechanical Data
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Surge overload ratings to 50 amperes
High temperature soldering guaranteed 265 C /10
seconds at 5 lbs (2.3kg) tension
Case: Molded plastic
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Weight: 0.04 ounce, 1.0 grams (approx)
Ideal for printed circuit board application
Polarity: Marked on body
10
A
This series is UL listed under the Recognized
Component Index, file number E142814
C
DF151S DF152S DF153S DF154S DF155S DF156S DF157S
Dimensions in millimeters ( 1mm =0.0394" )
SMD
+
~
_
~
+
6.35
0.15
+
7.65
0.25
+
+
8.32
0.19
+
2.35
0.15
+
1.01
0.13
5.1
0.1
10.4 Max.
+
1.28
0.15
+
0.2
0.15
DF154S thru DF157S
1.5 A Single-Phase Glass Passivated Bridge Rectifiers Rectifier Reverse Voltage 50 to 1000V
Rev : 01.06.2014
1/2
www.leiditech.com


Similar Part No. - DF151S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF151S WTE-DF151S Datasheet
52Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
DF151S LUGUANG-DF151S Datasheet
175Kb / 2P
Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
DF151S DSK-DF151S Datasheet
182Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Chip Integration Techno...
DF151S CITC-DF151S Datasheet
93Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF151S CITC-DF151S Datasheet
151Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results

Similar Description - DF151S

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GBU8A GULFSEMI-GBU8A Datasheet
162Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB10A05 GULFSEMI-GSIB10A05 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
logo
Rugao Dachang Electroni...
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
logo
Formosa MS
KBP200 FORMOSA-KBP200 Datasheet
199Kb / 6P
2.0A Glass Passivated Single Phase Bridge Rectifiers -50-1000V
KBP300 FORMOSA-KBP300 Datasheet
191Kb / 6P
3.0A Glass Passivated Single Phase Bridge Rectifiers-50-1000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com