Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB034S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IB034S
Description  Infinitesimal surface mount bridge rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

IB034S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  IB034S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd IB034S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd IB034S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics Curves
-
-
Unit
Instantaneous forward
voltage
V
Min.
Typ.
Max.
-
0.92
0.98
IF=0.3A
(3)
VF
5.0
100.0
-
-
Electrical Characteristics (T
A = 25 °
C unless otherwise noted)
μA
Note 3: Pulse test:300μs pulse width,1% duty cycle.
Items
Test conditions
Symbol
Reverse current
VR=VDC
TJ=25℃
IR
TJ=125℃
0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
120
140
Ambient Temperature(
°C)
Fig.1 Foward Current Derating Curve
0
4
8
12
16
20
1
10
100
Fig.2 Maximum Non-Repetitive Peak Forward
Surge Current
Number of Cycles at 60Hz
0.01
0.1
1
10
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Instantaneous Forward Voltage (V)
Fig.3 Typical Forward Current Characteristics
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
Fig.4 Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
TJ = 25 °C
TJ = 125 °C
IB034S~IB0310S
Rev :
www.leiditech.com
Rev : 01.12.2020
2/3
www.leiditech.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com