Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MB1S
Description  Schottky Mount glass Passivatd Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MB1S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MB1S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MB1S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MB1S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB1S~MB10S
Features
●
Glass Passivated Die Construction
●
Low Forward Voltage Drop
●
High Current Capability
●
High Surge Current Capability
●
Designed for Surface Mount Application
●
Plastic Material – UL Flammability 94V-O
Mechanical Date
●
Case:MBS, Molded Plastic
●
Terminals: Plated Leads Solderable per
Major Ratings and Characteristics
MIL STD 202 Method 208
I
05A 0 8A
MIL-STD-202, Method 208
●
Polarity: As Marked on Case
●
Mounting Position: Any
●
Marking:Type Number
●
Lead Free: For RoHS / Lead Free Version
IO
0.5A, 0.8A
VRRM
100 V to 1000 V
IFSM
30 A
IR
5 μA
VF
1.00V
Tj max.
150 °C
Maximum Ratings & Thermal Characteristics (T
A = 25 °C unless otherwise noted)
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MB
6S
MB
8S
MB
10S
UNIT
Symbol
MB
1S
MB
2S
MB
4S
600
Items
800
1000
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
VRRM
VRWM
100
200
400
VR(RMS)
70
140
280
DC Blocking Voltage
RMS Reverse Voltage
VR
30
420
560
700
V
IO
A
Average Rectified Output Current
(1)
Average Rectified Output Current
(2)
0.5
0.8
IFSM
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Note 1: Mounted on glass epoxy PC board with 1.0mm
2 solder pad.
Note 2: Mounted on aluminum substrate PC board with 1.0mm
2 solder pad.
Thermal resistance from junction to ambient
(1)
3.7
20
134
RθJL
℃
/ W
I
2tA2s
I
2t Rating for Fusing (t < 8.3ms)
Thermal resistance from junction to lead
TJ, TSTG
℃
Operating junction and storage temperature range
–55 to +150
Thermal resistance from junction to ambient
(2)
76
RθJA
℃
/ W
p
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note: 3.Pulse test:300μs pulse width,1% duty cycle.
UNIT
Instantaneous forward voltage
IF=0.4A
(3)
VF
-
-
1.00
V
Items
Test conditions
Symbol
Min
Type
Max
5
μA
Tj=125℃
-
-
500
Reverse current
VR=VDC
Tj=25℃
IR
--
p F
Typical junction capacitance
4.0 V ,1MHz
CJ
-13-
Schottky Mount glass Passivatd Bridge Rectifier
Rev :
www.leiditech.com
01.06.2015
1/3


Similar Part No. - MB1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
MB1S MCC-MB1S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
MB1S CTC-MB1S Datasheet
50Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB1S MCC-MB1S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB1S PFS-MB1S Datasheet
508Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
More results

Similar Description - MB1S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S JINGHENG-MB1S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB10S JINGHENG-MB10S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Leiditech Elec...
MB32S LEIDITECH-MB32S Datasheet
919Kb / 3P
Schottky Mount glass Passivatd Bridge Rectifier
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com