Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB6S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LB6S
Description  Reverse Voltage 200 and 1000V Forward Current 0.8A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LB6S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LB6S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LB6S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
(TA=25℃ unless ontherwise noted)
LB2S thru LB10S
Reverse Voltage 200 and 1000V Forward Current 0.8A
2
www.leiditech.com
Tel: +86- 021 50828806
Fax: +86- 021 50477059-8008
Email: sale1@leiditech.com
SHANGHAI LEIDITECH ELECTRONICS CO.,LTD
上海雷卯电子科技有限公司



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com