Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05F-S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MB05F-S
Description  Surface mount bridge rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MB05F-S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MB05F-S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MB05F-S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MB05F-S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (T
A = 25 °C unless otherwise noted)
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
TA=25°C
TA=125°C
-
-
-
Test conditions
IF=0.5A
5.0
500
-
Symbol
VF
IR
V
Type
Max
1.0
Min
μA
Unit
Items
Forward voltage per element
Peak reverse current at rated DC
blocking voltage
0
10
20
30
1
10
100
Number of Cycles at 60 Hz
Fig.2 Maximum Peak Forward Surge
Current(per leg)
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
Fig.3 Typical Forward Characteristics(per
leg)
0.01
0.1
100
0
20
40
60
80
100
Percent Of Rated Peak Reverse Voltage(%)
Fig.4 Typical Reverse Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
0
30
60
90
120
150
Amibant Temperature (℃)
Fig.1 Output Current Derating Curve
Aluminum Substrate
Glass
Epoxy
P.C.B.
10
1.0
T = 125 C
J
O
T= 25 C
J
O
MB05F-S thru MB10F-S
Rev : 01.06.2014
2/3
www.leiditech.com
Rev : 01.06.2014
2/3
www.leiditech.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com