Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB14F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MB14F
Description  Surface Mount Flat Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MB14F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MB14F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MB14F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MB14F Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Flat Bridge Rectifiers
Features
●
Low forward voltage drop
●
Glass passivated chip junction
●
Ideal for automated placement
●
Low profile space
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
Major Ratings and Characteristics
RoHS 2011/65/EU and WEEE 2002/96/EC
Mechanical Date
●
Case:MBF
Epoxy meets UL 94 V-0 flammability rating
●
Terminals:Plated leads, solderable per
MIL-STD-750, Method 2026
●
Polarity: Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics (T
A = 25 °C unless otherwise noted)
Sb l
It
MB
MB
MB
MB
MB
MB
MB
Uit
IF(AV)
1.0A
VRRM
50V to 1000V
IFSM
35A
IR
5μA
VF
1.1V
TJmax.
150℃
Electrical Characteristics (T
A = 25 °C unless otherwise noted)
Notes:1.Unitls mounted on P.C.B with 0.05 x 0.05" (1.3 x 1.3 mm) pads
A
35
RθJA
(1)
RθJL
(1)
Thermal resistance from junction to lead
85
20
Thermal resistance from junction to ambient
Symbol
VRRM
VRMS
VDC
IFSM
TJ,TSTG
IF(AV)
Items
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
@TL=110℃
1000
35
70
140
280
420
560
700
50
100
200
50
100
200
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
Operating junction and storage temperature
1.0
–55 to +150
11F
12F
14F
16F
18F
110F
105F
V
V
400
600
800
1000
Unit
V
pF
A
℃
μA
Unit
V
Symbol
VF
IR
CJ
Test conditions
IF=1.0A
f=1.0MHZ,VR=4.0V
400
600
800
Max
Typ
Min
Items
--
1.1
Instantaneous forward voltage drop per
leg
TA=25℃
TA=125℃
Typical junction capacitance per leg
VR=VDC
Reverse current
5
--
-
100
-
-13
-
MBF
~
~
MB105F thru MB110F
Rev : 01.06.2014
1/3
www.leiditech.com


Similar Part No. - MB14F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB14F PACELEADER-MB14F Datasheet
242Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
MB14F JUXING-MB14F Datasheet
868Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifer
logo
DONGGUAN YOU FENG WEI E...
MB14F YFWDIODE-MB14F Datasheet
91Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Guangdong Juxing Electr...
MB14F JUXING-MB14F Datasheet
793Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Foshan Blue Rocket Elec...
MB14F FOSHAN-MB14F Datasheet
927Kb / 6P
1.0A Surface Mount Schottky Bridge竊똌BF thin package?
More results

Similar Description - MB14F

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
MD1L WILLAS-MD1L Datasheet
344Kb / 2P
1.0 AMP SURFACE MOUNT FLAT SI- BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com