Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMB4S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # VMB4S
Description  Infinitesimal surface mount bridge rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

VMB4S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  VMB4S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB4S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB4S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd VMB4S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics Curves
0
0.2
0.4
0.6
0.8
1
0
30
60
90
120
150
Lead Temperature(
°C)
Fig.1 Foward Current Derating Curve
0
5
10
15
20
25
30
1
10
100
Fig.2 Maximum Non-Repetitive Peak Forward
Surge Current
Number of Cycles at 60Hz
Electrical Characteristics (T
A = 25 °
C unless otherwise noted)
μA
Instantaneous forward
voltage
IF=0.8A
(2)
VF
-
1.0
1.1
V
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Items
Symbol
Reverse current
TJ=25℃
IR
TJ=125℃
Unit
℃
Junction tempereture
Max.
Typ.
Min.
5.0
100.0
-
-
-
-
TJ
Test conditions
IF=0.15A,VRMS=220V,TA=25℃ and
conduction angle=80°
VR=VDC
-
-
80
VMB4S~VMB10S
Rev : 01.12.2020
2/4
www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com