Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83241BV Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241BV
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241BV Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83241BV Datasheet HTML 4Page - National Semiconductor (TI) DP83241BV Datasheet HTML 5Page - National Semiconductor (TI) DP83241BV Datasheet HTML 6Page - National Semiconductor (TI) DP83241BV Datasheet HTML 7Page - National Semiconductor (TI) DP83241BV Datasheet HTML 8Page - National Semiconductor (TI) DP83241BV Datasheet HTML 9Page - National Semiconductor (TI) DP83241BV Datasheet HTML 10Page - National Semiconductor (TI) DP83241BV Datasheet HTML 11Page - National Semiconductor (TI) DP83241BV Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
40 Electrical Characteristics (Continued)
44 AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Max
Units
T1
TBC to TXC
(Note 1)
b
15
15
ns
T2
TBC to LBC1
10
20
ns
TPhase1
LBC1 to LBC2
PHASE SEL e Low
3
13
ns
PHASE SEL e High
43
53
ns
TPhase2
LBC1 to LBC3
PHASE SEL e Low
11
21
ns
PHASE SEL e High
11
21
ns
TPhase3
LBC1 to LBC4
PHASE SEL e Low
19
29
ns
PHASE SEL e High
59
69
ns
TPhase4
LBC1 to LBC5
PHASE SEL e Low
27
37
ns
PHASE SEL e High
27
37
ns
T3
LSC to LBC1
b
46
ns
T4
LSC Positive Pulse Width
12
19
ns
T5
REF IN to FEEDBK IN
In Lock (Note 1)
b
33
ns
T6
TXC Positive Pulse Width
(Note 1)
35
45
ns
T7
LBC Positive Pulse Width
35
45
ns
Note 1
These parameters are not tested but are assured by correlation with characterization data
TLF10385 – 4
FIGURE 4-1 AC Timing Waveforms
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com