Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSB521 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSB521
Description  metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSB521 Datasheet(HTML) 2 Page - Schneider Electric

  XCSB521 Datasheet HTML 1Page - Schneider Electric XCSB521 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Width
52 mm
Net weight
0.475 kg
Environment
Standards
EN/ISO 12100
EN/IEC 60947-5-1
CSA C22.2 No 14
UL 508
EN 1088/ISO 14119
EN/IEC 60204-1
Product certifications
UL
CSA
Protective treatment
TC
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…70 °C
Vibration resistance
5 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
10 gn for 11 ms conforming to IEC 60068-2-27
Electrical shock protection class
Class I conforming to EN/IEC 61140
IP degree of protection
IP67 conforming to EN/IEC 60529 and EN/IEC 60947-5-1
Packing Units
Package 1 Weight
0.508 kg
Package 1 Height
1.220 dm
Package 1 width
0.500 dm
Package 1 Length
0.680 dm
Offer Sustainability
EU RoHS Directive
Not applicable, out of EU RoHS legal scope
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com