Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3952 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3952
Description  3M??Surface Protection Film 3952
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3952 Datasheet(HTML) 2 Page - 3M Electronics

  3952 Datasheet HTML 1Page - 3M Electronics 3952 Datasheet HTML 2Page - 3M Electronics 3952 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
3M™ Surface Protection Film 3952
2
Fluid and Environmental Resistance
Environmental Condition
Exposure
Result
US Aging
ASTM G 154, Cycle 3
ASTM G 155, Cycle 1
500 hours
500 hours
No visible change in dimensions
No visible change in color
No visible change in gloss[3]
No cracking @ -60°F (-51ºC)
(ASTM D 522 @ ¼ inch mandrel bend)
Low Temperature Flexibility:
4 hours @ -60ºF (-51ºC)
1/4 inch (6.4 mm) mandrel bend
No cracking
Flammability: FAR 25.853(a)
Appendix F Part I (a) (1) (ii) Aircraft
Interior Fire Protection
12 Second Vertical Exposure
Self-Extinguish Time (sec) = 0.0
No flaming drips, No ignition
High Temperature: IDEMA
Standard M11-99
3 hours @ 185°F (85°C)
Total outgassing = 360 ng/cm2
Salt Spray: ASTM B 117
30 days
5.2 MJ/m2
De-Icing Fluid: SAD/AMS 142 B
Type 1
7 days @ 70ºF (21ºC)
No visible change in dimensions
No visible change in color
No visible change in gloss[3]
Turbine Wash: Mil-PRF-85740C
24 hours @ 100ºF (38ºC)
Tap Water Immersion
24 hours @ 70ºF (21ºC)
Unleaded Gasoline
24 hours @ 70ºF (21ºC)
Diesel Fuel
24 hours @ 70ºF (21ºC)
De-ionized Water: ASTM D2247
@ 100% RH
7 days @ 10ºF (38ºC)
JP-4 Jet Fuel
14 days @ 70ºF (21ºC)
JP-8 Jet Fuel
14 days @ 70ºF (21ºC)
Hydraulic Fluid: Mil-H-5606G
30 days @ 70°F (21°C)
Motor Oil: SAE 10W-40
24 hours @ 70ºF (21ºC)
[3] Samples exposed to the listed environmental conditions; then brought back to ambient conditions, cleaned with isopropyl alcohol and dried
before testing.
General Information
•
3M™ Surface Protection Film 3952 has excellent environmental resistance properties and has been used to
isolate and protect substrates from environmental damage and corrosive elements.
•
3M 3952 Film pass FAR 25.853 flame resistance performance requirement for aircraft interiors.
•
3M 3952 Film can be adhered to a variety of surfaces using 3M bonding solutions.
•
3M 3952 Film has been co-cured to composite panels and parts under standard temperature and pressure
cycles typically used for curing composite components. The surface protection film bonds directly to
composite parts and components via a unique one-step curing process to provide excellent resistance to
moisture vapor, fluids, UV and environmental agents as well as provide a high quality, pigmented, low surface
energy surface to the exterior of composite components and parts.
Shipping and Storage
No special/hazardous labeling or packaging required and no regulations for air, ground or water shipment for this
product.
Keep film in clean area, away from excessive moisture and out of direct sunlight. Store rolls in the shipping carton
Return partially used rolls to shipping carton.
Shelf Life: Two (2) years from data of manufacture or as expressly certified by 3M.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com