Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1035-6G Datasheet(PDF) 5 Page - STMicroelectronics

Part # T1035-6G
Description  10 A Snubberless™ logic level and standard Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1035-6G Datasheet(HTML) 5 Page - STMicroelectronics

  T1035-6G Datasheet HTML 1Page - STMicroelectronics T1035-6G Datasheet HTML 2Page - STMicroelectronics T1035-6G Datasheet HTML 3Page - STMicroelectronics T1035-6G Datasheet HTML 4Page - STMicroelectronics T1035-6G Datasheet HTML 5Page - STMicroelectronics T1035-6G Datasheet HTML 6Page - STMicroelectronics T1035-6G Datasheet HTML 7Page - STMicroelectronics T1035-6G Datasheet HTML 8Page - STMicroelectronics T1035-6G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 8. Relative variation of gate trigger current, holding
current and latching current versus junction temperature
(typical values)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL[Tj] / IGT,IH,IL[Tj = 25 °C]
Tj (°C)
IH and IL
IGT
Figure 9. Relative variation of critical rate of decrease of
main current versus (dV/dt)c (typical values)
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dl/dt)c [(dV/dt)c / specified (dl/dt)c
(dV/dt)c (V/µs)
B
C
BW/CW/T10xx
Figure 10. Relative variation of critical rate of decrease of
main current versus junction temperature
0
25
50
75
100
125
0
1
2
3
4
5
6
(dl/dt)c [Tj] / (dl/dt)c [Tj = 125 °C]
Tj(°C)
Figure 11. D²PAK thermal resistance junction to ambient
versus copper surface under tab
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Rth(j-a) (°C/W)
D²PAK
Epoxy printed board FR4, copper thickness = 35 µm
SCu(cm²)
BTA10, BTB10, T1035, T1050
Characteristics (curves)
DS3165 - Rev 9
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com