Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSC721 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSC721
Description  metal safety switch XCSC - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSC721 Datasheet(HTML) 1 Page - Schneider Electric

  XCSC721 Datasheet HTML 1Page - Schneider Electric XCSC721 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 29, 2021
1
Product data sheet
Characteristics
XCSC721
metal safety switch XCSC - 2 NC + 1 NO - slow
break - 1 entry tapped Pg 13
Product Life Status :
END OF COMMERCIALIZATION
TODAY
JAN 29, 2021
End of Commercialization
End of Standard Service
NOV 03, 2020
NOV 30, 2021
.
Main
Range of product
Preventa Safety detection
Product or component
type
Safety switch
Component name
XCSC
Design
Industrial
Material
Metal
Head type
Key operated turret head
Contacts type and
composition
2 NC + 1 NO
Contact operation
Slow-break, break before make
Cable entry
1 entry tapped for Pg 13.5
Cable outer diameter
9…12 mm
Electrical connection
Terminal, clamping capacity: 1 x 0.5...2 x 1.5 mm²
with or without cable end
Number of poles
3
Locking options
description
With locking of actuator, unlocking by key operated
lock
Local signalling
1 LED (orange) for on opening of NC contacts
Signalling circuit voltage
110/240 V
Product Life Status :
END OF COMMERCIALIZATION
JAN 29, 2021
End of Commercialization
End of Standard Service
NOV 03, 2020
NOV 30, 2021
Complementary
Positive opening
With NC contact
Signalling circuit type
AC
Mechanical durability
600000 cycles
Minimum actuation speed
0.01 m/s
Maximum actuation speed
0.5 m/s
[Ie] rated operational current
6 A at 120 V, AC-15, A300 conforming to EN/IEC 60947-5-1
3 A at 240 V, AC-15, A300 conforming to EN/IEC 60947-5-1
0.55 A at 125 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
0.27 A at 250 V, DC-13, Q300 conforming to EN/IEC 60947-5-1
[Ithe] conventional enclosed thermal current
10 A
[Ui] rated insulation voltage
300 V conforming to UL 508
500 V conforming to EN/IEC 60947-1
300 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
6 kV EN/IEC 60947-5-1
Short-circuit protection
10 A cartridge fuse type gG (gl)


Similar Part No. - XCSC721

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSC722 SCHNEIDER-XCSC722 Datasheet
109Kb / 2P
metal safety switch XCSC - 2 NC 1 NO - slow break - 1 entry tapped M20
Jan 29, 2021
XCSC723 SCHNEIDER-XCSC723 Datasheet
111Kb / 2P
metal safety switch XCSC - 2 NC 1 NO - slow break - 1 entry tapped 1/2" NPT
NOV 30, 2021
More results

Similar Description - XCSC721

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSA511 SCHNEIDER-XCSA511 Datasheet
70Kb / 2P
metal safety switch XCSA - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSA721 SCHNEIDER-XCSA721 Datasheet
70Kb / 2P
metal safety switch XCSA - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSB511 SCHNEIDER-XCSB511 Datasheet
106Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSB521 SCHNEIDER-XCSB521 Datasheet
102Kb / 2P
metal safety switch XCSB - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC501 SCHNEIDER-XCSC501 Datasheet
114Kb / 2P
metal safety switch XCSC - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC511 SCHNEIDER-XCSC511 Datasheet
109Kb / 2P
metal safety switch XCSC - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC521 SCHNEIDER-XCSC521 Datasheet
109Kb / 2P
metal safety switch XCSC - 1 NC 2 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC701 SCHNEIDER-XCSC701 Datasheet
114Kb / 2P
metal safety switch XCSC - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC711 SCHNEIDER-XCSC711 Datasheet
109Kb / 2P
metal safety switch XCSC - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSC801 SCHNEIDER-XCSC801 Datasheet
113Kb / 2P
metal safety switch XCSC - 3 NC - slow break - 1 entry tapped Pg 13
Jan 29, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com