Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3036 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3036 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3036 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Low-Power, High-Resolution 16-Bit
Sensor Signal Conditioner
ZSSC3036
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Applications
Barometric altitude measurement for
portable navigation or emergency call
systems
Altitude measurement for car navigation
Inside hard disk pressure measurement
Weather forecast
Fan control
Industrial, pneumatic, and liquid pressure
ZSSC3036
Block Diagram
Ordering Information (See section 6 in the data sheet for additional options for delivery package and wafer thickness of 725µm.)
Sales Code
Description
Delivery Package
ZSSC3036CC1B
Die—temperature range: –40°C to +85 °C
Wafer (304µm) unsawn, tested
ZSSC3036CI1B
Die—temperature range: –40°C to +85 °C, extended qualification
Wafer (304µm) unsawn, tested
ZSSC3036CC1C
Die—temperature range: –40°C to +85°C
Dice on frame (304µm), tested
ZSSC3036CI1BH
Die—temperature range: –40°C to +110 °C, extended qualification
Wafer (304µm) unsawn, tested
ZSSC3036CI1CH
Die—temperature range: –40°C to +110 °C, extended qualification
Dice on frame (304µm), tested
ZSSC30x6-KIT
Evaluation Kit for ZSSC30x6 Product Family, including boards, cable, software, and 1 sample
Sensor
Bridge
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
18-bit DSP Core
(Calculations,
Communication)
MTP
ROM
System
Control
Unit
Pre-
Amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Ring
Oscillator
Clock
Generator
SEL
SPI
I²C
TM
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Voltage
Regulator
Power Ctr.
Vreg int
A
D
16 Bit
VDDB
ZSSC3036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com