Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3138 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3138
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3138 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3138 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3138 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Sensor Signal Conditioner for
Ceramic Sensor Applications
ZSSC3138
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 25, 2016
ZSSC3138 Application Example
Ordering Information (See data sheet section 8 for complete delivery options.)
Product Sales Code
Description
Package
ZSSC3138BE1
ZSSC3138 die – tested; temperature range -40 to +150°C
Unsawn wafer: add “B” to sales code
Die on frame: add “C” to sales code
ZSSC3138BA1
ZSSC3138 die – tested; temperature range -40 to +125°C
Unsawn wafer: add “B” to sales code
Die on frame: add “C” to sales code
ZSSC3138BE2
ZSSC3138 SSOP14 – temperature range -40 to +150°C
Tube: add “T” to sales code
Tape & Reel: add “R”
ZSSC3138BA2
ZSSC3138 SSOP14 – temperature range -40 to +125°C
Tube: add “T” to sales code
Tape & Reel: add “R”
ZSSC313xKITV1.1
ZSSC313x Evaluation Kit, version 1.1, including Evaluation
Board, ZSSC3138 IC samples, USB cable
Kit
ZSSC313x Mass
Calibration System V1.1
Modular Mass Calibration System (MSC) for ZSSC313x
including MCS boards, cable, connectors
Kit
Serial Interface
Sensor Bridge
SDA
SCL
Out / OWI
GND
VSUPP
C3
47nF
+4.5V to +5.5V
2
1
3
4
6
5
7
14
13
11
12
10
VDDA
VSSA
SDA
SCL
n.c.
VDD
VDDE
N.C.
VBR_T
VBP
VBR_B
VBN
AOUT
VSSE
9
8
C2
100nF
C1
100nF
C5
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com