Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES16HT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FES16HT
Description  16.0 Ampere Heatsink Package Positive Ultra Fast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FES16HT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FES16HT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FES16HT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FES16AT thru FES16NT
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.10T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
0.85-0.95
1.00-1.25
1.25-1.50
V
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
160
Typical Thermal Resistance (Note 3)
1.50
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 16.0A)
16.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
300
Maximum Instantaneous Forward Voltage
@16.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
1.0
100
1.50-1.70
25-50
50-75
FES16AT
FES16GT
FES16JT
FES16KT
FES16MT
FES16NT
Pb Free Plating Product
FES16AT thru FES16NT
Pb
16.0 Ampere Heatsink Package Positive Ultra Fast Recovery Rectifier Diode
FES16ET
FES16BT
FES16CT
FES16DT
FES16FT
FES16HT
FES16IT
FES16LT
Features
TO-220AC(TO-220-2L)
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
※
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※ Case: TO-220AC(TO-220-2L) with heat sink package
※
※
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 2.0 gram approximately
Positive
Negative
Suffix "TR"
Suffix "T"
Internal Configuration
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Base Backside
Base Backside


Similar Part No. - FES16HT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FES16HT FAIRCHILD-FES16HT Datasheet
37Kb / 3P
16 Ampere Glass Passivated Super Fast Rectifiers
logo
General Semiconductor
FES16HT GE-FES16HT Datasheet
75Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FES16HT VISHAY-FES16HT Datasheet
187Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
FES16HT EIC-FES16HT Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
logo
Fairchild Semiconductor
FES16HT FAIRCHILD-FES16HT Datasheet
50Kb / 3P
Fast Rectifiers (Glass Passivated)
More results

Similar Description - FES16HT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620CTR THINKISEMI-MUR1620CTR Datasheet
203Kb / 2P
16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
MUR1620G THINKISEMI-MUR1620G Datasheet
715Kb / 2P
16.0 Ampere Heatsink Single Ultra Fast Recovery Rectifier Diodes
MUR1620A-CT THINKISEMI-MUR1620A-CT Datasheet
259Kb / 2P
16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
MUR1620CT-A THINKISEMI-MUR1620CT-A Datasheet
260Kb / 2P
16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifier
MUR1620CT-CTR THINKISEMI-MUR1620CT-CTR Datasheet
268Kb / 2P
16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifier
MUR1620CTR-CT THINKISEMI-MUR1620CTR-CT Datasheet
263Kb / 2P
16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifier
MUR1620D-CT THINKISEMI-MUR1620D-CT Datasheet
258Kb / 2P
16.0 Ampere Heatsink Doubler Polarity Ultra Fast Recovery Rectifier
FES16ATR THINKISEMI-FES16ATR Datasheet
250Kb / 2P
16.0 Ampere Heatsink Package Negative Ultra Fast Recovery Rectifier Diode
FESF16AT THINKISEMI-FESF16AT Datasheet
363Kb / 2P
16.0 Ampere Insulated Package Positive Ultra Fast Recovery Rectifier Diode
FESF16ATR THINKISEMI-FESF16ATR Datasheet
246Kb / 2P
16.0 Ampere Insulated Package Negative Ultra Fast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com