Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FESF16HT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FESF16HT
Description  16.0 Ampere Insulated Package Positive Ultra Fast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FESF16HT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FESF16HT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FESF16HT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FESF16AT thru FESF16NT
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.10T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
0.85-0.95
1.00-1.25
1.25-1.50
V
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
160
Typical Thermal Resistance (Note 3)
3.0
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 16.0A)
16.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
300
Maximum Instantaneous Forward Voltage
@16.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
1.0
100
1.50-1.70
25-50
50-75
FESF16AT
FESF16GT
FESF16JT
FESF16KT
FESF16MT
FESF16NT
Pb Free Plating Product
FESF16AT thru FESF16NT
Pb
16.0 Ampere Insulated Package Positive Ultra Fast Recovery Rectifier Diode
FESF16ET
FESF16BT
FESF16CT
FESF16DT
FESF16FT
FESF16HT
FESF16IT
FESF16LT
Features
ITO-220AC(TO-220F-2L)
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
※
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※ Case:ITO-220AC(TO-220F-2L) fully plastic isolated package
※
※
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 2.0 gram approximately
.196(5.00)
.118(3.00)
.038(0.96)
.419(10.66)
.167(3.73)
.122(3.10)
.163(4.16)
.079(2.00)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Positive
Negative
Suffix "TR"
Suffix "T"
Internal Configuration
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant


Similar Part No. - FESF16HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FESF16HT VISHAY-FESF16HT Datasheet
187Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
Thinki Semiconductor Co...
FESF16HTR THINKISEMI-FESF16HTR Datasheet
246Kb / 2P
16.0 Ampere Insulated Package Negative Ultra Fast Recovery Rectifier Diode
More results

Similar Description - FESF16HT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620FCA THINKISEMI-MUR1620FCA Datasheet
373Kb / 2P
16.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MURF1620CTS THINKISEMI-MURF1620CTS Datasheet
373Kb / 2P
16.0 Ampere Insulated Series Connection Ultra Fast Recovery Rectifiers
MUR1680FCA THINKISEMI-MUR1680FCA Datasheet
356Kb / 2P
16.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MUR1680FCT THINKISEMI-MUR1680FCT Datasheet
356Kb / 2P
16.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
MURF1680CT THINKISEMI-MURF1680CT_V01 Datasheet
359Kb / 2P
16.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
MURF1680CTD THINKISEMI-MURF1680CTD Datasheet
356Kb / 2P
16.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
MURF1680CTR THINKISEMI-MURF1680CTR Datasheet
356Kb / 2P
16.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
FES16AT THINKISEMI-FES16AT Datasheet
260Kb / 2P
16.0 Ampere Heatsink Package Positive Ultra Fast Recovery Rectifier Diode
FES16ATR THINKISEMI-FES16ATR Datasheet
250Kb / 2P
16.0 Ampere Heatsink Package Negative Ultra Fast Recovery Rectifier Diode
FESF16ATR THINKISEMI-FESF16ATR Datasheet
246Kb / 2P
16.0 Ampere Insulated Package Negative Ultra Fast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com