Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSB572
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSB572 Datasheet HTML 11Page - STMicroelectronics TSB572 Datasheet HTML 12Page - STMicroelectronics TSB572 Datasheet HTML 13Page - STMicroelectronics TSB572 Datasheet HTML 14Page - STMicroelectronics TSB572 Datasheet HTML 15Page - STMicroelectronics TSB572 Datasheet HTML 16Page - STMicroelectronics TSB572 Datasheet HTML 17Page - STMicroelectronics TSB572 Datasheet HTML 18Page - STMicroelectronics TSB572 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Figure 27. Small step response vs. time at VCC = 4 V
0.0
2.5
5.0
7.5
10.0
-0.15
-0.07
0.00
0.07
0.15
Vcc=4V
Vicm=2V
Rl=10kΩ
Cl=100pF
Follower
Configuration
T=25°C
Time (µs)
Figure 28. Output desaturation vs. time
0
200
400
600
800
1000
-20
-15
-10
-5
0
5
10
15
20
Time (µs)
Vcc=+/-18V
Vicm=0V
Gain=4.7
Rl=10kΩ
Cl=100pF
Figure 29. Amplifier behavior close to the rails at
VCC = 36 V
0.00
0.05
0.10
0.15
0.20
0.25
35.70
35.75
35.80
35.85
35.90
35.95
36.00
0.00
0.05
0.10
0.15
0.20
0.25
35.70
35.75
35.80
35.85
35.90
35.95
36.00
T=-40°C
T=25°C
T=125°C
Vcc=36V
Follower configuration
Input voltage (V)
Figure 30. Noise vs. frequency at VCC = 36 V
10
100
1000
10000
0
20
40
60
80
100
@Vcc=36V
@Vcc=12V
@Vcc=4V
Frequency (Hz)
Vicm=Vcc/2
T=25°C
Figure 31. Noise vs. time at VCC = 36 V
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
-400
-300
-200
-100
0
100
200
300
400
-400
-200
0
200
400
Vcc=36V
Vicm=Vcc/2
Vload=Vcc/2
Time (s)
Figure 32. THD+N vs. frequency
10
100
1000
10000
1E-4
1E-3
0.01
Vcc=36V
with Vin=7Vpp
Vcc=12V
with Vin=7Vpp
Vcc=4V
with Vin=3.8Vpp
Vicm=Vcc/2
Gain=1
Rl=10kΩ
Cl=100pF
BW=80kHz
T=25°C
Frequency (Hz)
TSB571, TSB572
Electrical characteristics
DS11248 - Rev 7
page 15/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com