Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB571ILT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSB571ILT
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571ILT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSB571ILT Datasheet HTML 7Page - STMicroelectronics TSB571ILT Datasheet HTML 8Page - STMicroelectronics TSB571ILT Datasheet HTML 9Page - STMicroelectronics TSB571ILT Datasheet HTML 10Page - STMicroelectronics TSB571ILT Datasheet HTML 11Page - STMicroelectronics TSB571ILT Datasheet HTML 12Page - STMicroelectronics TSB571ILT Datasheet HTML 13Page - STMicroelectronics TSB571ILT Datasheet HTML 14Page - STMicroelectronics TSB571ILT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Figure 3. Supply current vs. supply voltage
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
0.5
T = 125 °C
T = 25°C
T = -40°C
Vicm = Vcc/2
Supply Voltage (V)
Figure 4. Input offset voltage distribution at VCC = 4 V
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
35
Vcc=4V
Vicm=2V
T=25°C
Input offset voltage (mV)
Figure 5. Input offset voltage distribution at VCC = 12 V
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
35
Vcc=12V
Vicm=6V
T=25°C
Input offset voltage (mV)
Figure 6. Input offset voltage distribution at VCC = 36 V
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
35
Vcc=36V
Vicm=18V
T=25°C
Input offset voltage (mV)
Figure 7. Input offset voltage vs. temperature at
VCC = 36 V
-40
-20
0
20
40
60
80
100
120
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Vio limit
Vcc=36V
Vicm=18V
Temperature (°C)
Figure 8. Input offset voltage temperature variation
distribution at VCC = 36 V
TSB571, TSB572
Electrical characteristics
DS11248 - Rev 7
page 11/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com