Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572IST Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSB572IST
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IST Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSB572IST Datasheet HTML 23Page - STMicroelectronics TSB572IST Datasheet HTML 24Page - STMicroelectronics TSB572IST Datasheet HTML 25Page - STMicroelectronics TSB572IST Datasheet HTML 26Page - STMicroelectronics TSB572IST Datasheet HTML 27Page - STMicroelectronics TSB572IST Datasheet HTML 28Page - STMicroelectronics TSB572IST Datasheet HTML 29Page - STMicroelectronics TSB572IST Datasheet HTML 30Page - STMicroelectronics TSB572IST Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
List of figures
Figure 1.
Pin connections (top view) ............................................................ 2
Figure 2.
Pin connections for each package (top view) ............................................... 3
Figure 3.
Supply current vs. supply voltage ...................................................... 11
Figure 4.
Input offset voltage distribution at VCC = 4 V ............................................... 11
Figure 5.
Input offset voltage distribution at VCC = 12 V .............................................. 11
Figure 6.
Input offset voltage distribution at VCC = 36 V .............................................. 11
Figure 7.
Input offset voltage vs. temperature at VCC = 36 V .......................................... 11
Figure 8.
Input offset voltage temperature variation distribution at VCC = 36 V .............................. 11
Figure 9.
Input offset voltage vs. supply voltage ................................................... 12
Figure 10.
Input offset voltage vs. common-mode voltage at VCC = 4 V .................................... 12
Figure 11.
Input offset voltage vs. common-mode voltage at VCC = 36 V ................................... 12
Figure 12.
Input bias current vs. temperature at VICM = VCC/2 .......................................... 12
Figure 13.
Input bias current vs. common-mode voltage at VCC = 36 V .................................... 12
Figure 14.
Output current vs. output voltage at VCC = 4 V ............................................. 12
Figure 15.
Output current vs. output voltage at VCC = 36 V ............................................ 13
Figure 16.
Output voltage (Voh) vs. supply voltage .................................................. 13
Figure 17.
Output voltage (Vol) vs. supply voltage .................................................. 13
Figure 18.
Negative slew rate at VCC = 36 V ...................................................... 13
Figure 19.
Positive slew rate at VCC = 36 V ....................................................... 13
Figure 20.
Slew rate vs. supply voltage .......................................................... 13
Figure 21.
Bode diagram at VCC = 4 V .......................................................... 14
Figure 22.
Bode diagram at VCC = 36 V ......................................................... 14
Figure 23.
Phase margin vs. output current at VCC = 4 V .............................................. 14
Figure 24.
Phase margin vs. output current at VCC = 36 V ............................................. 14
Figure 25.
Phase margin vs. capacitive load ...................................................... 14
Figure 26.
Overshoot vs. capacitive load at VCC = 36 V............................................... 14
Figure 27.
Small step response vs. time at VCC = 4 V ................................................ 15
Figure 28.
Output desaturation vs. time.......................................................... 15
Figure 29.
Amplifier behavior close to the rails at VCC = 36 V ........................................... 15
Figure 30.
Noise vs. frequency at VCC = 36 V ..................................................... 15
Figure 31.
Noise vs. time at VCC = 36 V ......................................................... 15
Figure 32.
THD+N vs. frequency .............................................................. 15
Figure 33.
THD+N vs. output voltage ........................................................... 16
Figure 34.
PSRR vs. frequency at VCC = 36 V ..................................................... 16
Figure 35.
Channel separation vs. frequency at VCC= 36 V ............................................ 16
Figure 36.
Input current limitation .............................................................. 17
Figure 37.
Stability criteria with a serial resistor at different supply voltages ................................. 19
Figure 38.
Test configuration for Riso ........................................................... 19
Figure 39.
SOT23-5 package outline ........................................................... 21
Figure 40.
MiniSO8 package outline ............................................................ 22
Figure 41.
DFN8 3x3 package outline and mechanical data ............................................ 23
Figure 42.
DFN8 3x3 footprint data............................................................. 24
Figure 43.
SO-8 package outline .............................................................. 25
TSB571, TSB572
List of figures
DS11248 - Rev 7
page 30/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com