Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB572IDT Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSB572IDT
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB572IDT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSB572IDT Datasheet HTML 23Page - STMicroelectronics TSB572IDT Datasheet HTML 24Page - STMicroelectronics TSB572IDT Datasheet HTML 25Page - STMicroelectronics TSB572IDT Datasheet HTML 26Page - STMicroelectronics TSB572IDT Datasheet HTML 27Page - STMicroelectronics TSB572IDT Datasheet HTML 28Page - STMicroelectronics TSB572IDT Datasheet HTML 29Page - STMicroelectronics TSB572IDT Datasheet HTML 30Page - STMicroelectronics TSB572IDT Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
List of tables
Table 1.
Pin description (SOT23-5).............................................................. 2
Table 2.
Pin description (miniSO8/SO8/DFN8) ...................................................... 3
Table 3.
Absolute maximum ratings ............................................................. 4
Table 4.
Operating conditions ................................................................. 4
Table 5.
Electrical characteristics at Vcc = 4 V, Vicm = Vcc/2, Tamb = 25 °C, and RL connected to Vcc/2 (unless otherwise
specified) ......................................................................... 5
Table 6.
Electrical characteristics at Vcc = 12 V, Vicm = Vcc/2, Tamb = 25 °C, and RL connected to Vcc/2 (unless otherwise
specified) ......................................................................... 7
Table 7.
Electrical characteristics at Vcc = 36 V, Vicm = Vcc/2, Tamb = 25 °C, and RL connected to Vcc/2 (unless otherwise
specified) ......................................................................... 9
Table 8.
SOT23-5 package mechanical data ...................................................... 21
Table 9.
MiniSO8 package mechanical data ...................................................... 22
Table 10.
DFN8 3x3 mechanical data ............................................................ 23
Table 11.
SO-8 mechanical data ............................................................... 25
Table 12.
Order codes ...................................................................... 26
Table 13.
Document revision history ............................................................. 27
TSB571, TSB572
List of tables
DS11248 - Rev 7
page 29/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com