Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAS3799 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS3799
Description  Dual DPDT Ultra?묹ow RON Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3799 Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS3799 Datasheet HTML 1Page - ON Semiconductor NLAS3799 Datasheet HTML 2Page - ON Semiconductor NLAS3799 Datasheet HTML 3Page - ON Semiconductor NLAS3799 Datasheet HTML 4Page - ON Semiconductor NLAS3799 Datasheet HTML 5Page - ON Semiconductor NLAS3799 Datasheet HTML 6Page - ON Semiconductor NLAS3799 Datasheet HTML 7Page - ON Semiconductor NLAS3799 Datasheet HTML 8Page - ON Semiconductor NLAS3799 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NLAS3799, NLAS3799L
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +4.6
V
VIS
Analog Input Voltage (VNO, VNC, or VCOM)
−0.5
v VIS v VCC + 0.5
V
VIN
Digital Select Input Voltage
−0.5
v VIN v +VCC
V
Ianl1
Continuous DC Current from COM to NC/NO
±300
mA
Ianl−pk1
Peak Current from COM to NC/NO, 10 Duty Cycle (Note 1)
±500
mA
Iclmp
Continuous DC Current into COM/NO/NC with Respect to VCC or GND
±100
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Defined as 10% ON, 90% OFF Duty Cycle.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.65
3.6
V
VIN
Digital Select Input Voltage
GND
VCC
V
VIS
Analog Input Voltage (NC, NO, COM)
GND
VCC
V
TA
Operating Temperature Range
−40
+85
°C
tr, tf
Input Rise or Fall Time, IN
VCC = 1.6 V − 2.7 V
VCC = 3.0 V − 3.6 V
20
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com