Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AZZZ Datasheet(PDF) 39 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 35Page - Texas Instruments XIO2000AZZZ Datasheet HTML 36Page - Texas Instruments XIO2000AZZZ Datasheet HTML 37Page - Texas Instruments XIO2000AZZZ Datasheet HTML 38Page - Texas Instruments XIO2000AZZZ Datasheet HTML 39Page - Texas Instruments XIO2000AZZZ Datasheet HTML 40Page - Texas Instruments XIO2000AZZZ Datasheet HTML 41Page - Texas Instruments XIO2000AZZZ Datasheet HTML 42Page - Texas Instruments XIO2000AZZZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 165 page
background image
Feature/Protocol Descriptions
30
April 2007 Revised October 2008
SCPS155C
The PCI bus signals attached to the VCCP clamping voltage are identified in the following list:
•
In Table 2−9, Clock Terminals, the terminal names include CLK and CLKOUT6:0.
•
In Table 2−10, PCI System Terminals, all terminal names except for PME
•
In Table 2−12, Miscellaneous Terminals, the terminal names include SERIRQ, M66EN, and LOCK.
3.4.3 PCI Bus Clock Run
The bridge supports the clock run protocol as specified in the PCI Mobile Design Guide. When the clock run
protocol is enabled, the bridge assumes the role of the central resource master.
To enable the clock run function, terminal B15 (CLKRUN_EN) is asserted high. Then, terminal T05 (GPIO0)
is enabled as the CLKRUN signal. An external pullup resistor must be provided to prevent the CLKRUN signal
from floating. To verify the operational status of the PCI bus clocks, bit 0 (SEC_CLK_STATUS) in the clock
run status register at offset DAh (see Section 4.68) is read.
Since the bridge has several unique features associated with the PCI bus interface, the system designer must
consider the following interdependencies between these features and the CLKRUN feature:
1.
If the system designer chooses to generate the PCI bus clock externally, then the CLKRUN mode of the
bridge must be disabled. The central resource function within the bridge only operates as a CLKRUN
master and does not support the CLKRUN slave mode.
2.
If the central resource function has stopped the PCI bus clocks, then the bridge still detects INTx state
changes and will generate and send PCI Express messages upstream.
3.
If the serial IRQ interface is enabled and the central resource function has stopped the PCI bus clocks,
then any PCI bus device that needs to report an IRQ interrupt asserts CLKRUN to start the bus clocks.
4.
When a PCI bus device asserts CLKRUN, the central resource function turns on PCI bus clocks for a
minimum of 512 cycles.
5.
If the serial IRQ function detects an IRQ interrupt, then the central resource function keeps the PCI bus
clocks running until the IRQ interrupt is cleared by software.
6.
If the central resource function has stopped the PCI bus clocks and the bridge receives a downstream
transaction that is forwarded to the PCI bus interface, then the bridge asserts CLKRUN to start the bus
clocks.
7.
The central resource function is reset by PCI bus reset (PRST) assuring that clocks are present during
PCI bus resets.
3.4.4 PCI Bus External Arbiter
The bridge supports an external arbiter for the PCI bus. Terminal A15 (EXT_ARB_EN), when asserted high,
enables the use of an external arbiter.
When an external arbiter is enabled, GNT0 is connected to the external arbiter as the REQ for the bridge.
Likewise, REQ0 is connected to the external arbiter as the GNT for the bridge.
All internal port arbitration features are disabled when an external arbiter is enabled. 128-phase, weighted
round-robin (WRR) time-based arbitration, bus parking, arbiter time-out, tier select, and request masking
modes have no effect if an external arbiter is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com