Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF161 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT26DF161 Datasheet HTML 9Page - ATMEL Corporation AT26DF161 Datasheet HTML 10Page - ATMEL Corporation AT26DF161 Datasheet HTML 11Page - ATMEL Corporation AT26DF161 Datasheet HTML 12Page - ATMEL Corporation AT26DF161 Datasheet HTML 13Page - ATMEL Corporation AT26DF161 Datasheet HTML 14Page - ATMEL Corporation AT26DF161 Datasheet HTML 15Page - ATMEL Corporation AT26DF161 Datasheet HTML 16Page - ATMEL Corporation AT26DF161 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
3599A–DFLASH–11/05
AT26DF161 [Preliminary]
and erase operations. In addition, the WEL bit in the Status Register will be reset back to the log-
ical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deas-
serted; otherwise, the device will abort the operation, the state of the Sector Protection Register
will be unchanged, and the WEL bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous protecting or unprotecting of sectors, the Sector
Protection Registers can themselves be locked from updates by using the SPRL (Sector Protec-
tion Registers Locked) bit of the Status Register (please refer to “Status Register Commands”
on page 16 for more details). If the Sector Protection Registers are locked, then any attempts to
issue the Protect Sector command will be ignored, and the device will reset the WEL bit in the
Status Register back to a logical “0” and return to the idle state once the CS pin has been
deasserted.
Figure 9-3.
Protect Sector
9.4
Unprotect Sector
Issuing the Unprotect Sector command to a particular sector address will reset the correspond-
ing Sector Protection Register to the logical “0” state (see Table 9-1 on page 12 for Sector
Protection Register values). Every physical sector of the device has a corresponding single-bit
Sector Protection Register that is used to control the software protection of a sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have
been previously issued to set the WEL bit in the Status Register to a logical “1”. To issue the
Unprotect Sector command, the CS pin must first be asserted and the opcode of 39h must be
clocked into the device. After the opcode has been clocked in, the three address bytes designat-
ing any address within the sector to be unlocked must be clocked in. Any additional data clocked
into the device after the address bytes will be ignored. When the CS pin is deasserted, the Sec-
tor Protection Register corresponding to the sector addressed by A23-A0 will be reset to the
logical “0” state, and the sector itself will be unprotected. In addition, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deas-
serted; otherwise, the device will abort the operation, the state of the Sector Protection Register
will be unchanged, and the WEL bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Pro-
tection Registers can themselves be locked from updates by using the SPRL (Sector Protection
Registers Locked) bit of the Status Register (please refer to “Status Register Commands” on
page 16 for more details). If the Sector Protection Registers are locked, then any attempts to
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110110
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com