Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMR183SC Datasheet(PDF) 2 Page - International Rectifier

Part # OMR183SC
Description  30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR183SC Datasheet(HTML) 2 Page - International Rectifier

  OMR183SC Datasheet HTML 1Page - International Rectifier OMR183SC Datasheet HTML 2Page - International Rectifier OMR183SC Datasheet HTML 3Page - International Rectifier OMR183SC Datasheet HTML 4Page - International Rectifier OMR183SC Datasheet HTML 5Page - International Rectifier OMR183SC Datasheet HTML 6Page - International Rectifier OMR183SC Datasheet HTML 7Page - International Rectifier OMR183SC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
OMR183- OMR186 Series
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise noted)
Parameter
Conditions
Min.
Typ.
Max.
Units
Reference Voltage
I
OUT = 10 mA, Tj = 25°C
(V
IN - VOUT) = 3 V
1.238
1.250
1.262
V
10mA ≤ IOUT ≤ IFULL LOAD
1.5 V ≤ (VIN - VOUT) ≤ 25 V (Note 3)
1.220
1.250
1.270
V
Line Regulation
I
LOAD = 10 mA, 1.5 V ≤ (VIN - VOUT) ≤ 15 V,
0.015
0.2
%
T
j = 25°C
0.035
0.2
%
15 V ≤ (VIN - VOUT) ≤ 35 V (Notes 1 & 2)
0.05
0.5
%
Load Regulation
(V
IN - VOUT) = 3 V
10 mA ≤ IOUT ≤ IFULL LOAD
T
j = 25°C
0.5
0.8
%
(Notes 1, 2, 3)
.8
1.0
%
Dropout Voltage
∆VREF = 1%, IOUT = IFULL LOAD
1.3
1.5
V
Current Limit
OMR183
(V
IN - VOUT) = 5 V
8.0
A
(V
IN - VOUT) = 25 V
0.4
A
OMR184
(V
IN - VOUT) = 5 V
5.5
A
(V
IN - VOUT) = 25 V
0.3
A
OMR185
(V
IN - VOUT) = 5 V
3.2
A
(V
IN - VOUT) = 25 V
0.2
A
OMR186
(V
IN - VOUT) = 5 V
1.5
A
(V
IN - VOUT) = 25 V
0.75
A
Minimum Load Current
(V
IN - VOUT) = 25 V
5
10
mA
Thermal Regulation
T
A = 25°C, 30 ms pulse
OMR183
Guaranteed by design
0.002
0.01
%/W
OMR184
0.003
0.15
%/W
OMR185
0.004
0.02
%/W
OMR186
0.010
0.05
%/W
Ripple Rejection
f = 120 Hz
C
ADJ = 25 µF Tantalum
I
OUT - IFULL LOAD (VIN - VOUT) = 3 V
60
75
dB
Adjust Pin Current
T
J = 25°C
55
µA
Adjust Pin Current Change
10mA ≤ IOUT ≤ IFULL LOAD
1.5 V ≤ (VIN - VOUT) ≤ 25 V
0.2
5
µA
Temperature Stability
-55°C ≤ TJ ≤ +150°C
0.5
%
Long Term Stability
T
A = 125°C, 1000 Hrs.
0.3
1
%
Thermal Resistance
Junction-to-Case
TO-257, D2 Pac
4.2
°C/W
TO-258
2.75
°C/W
SMD-1
3.5
°C/W
TO-205
17
°C/W
Note 1: Load and line regulation are measured at a constant junction temperature by low duty cycle pulse testing.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation (OMR183/60W, OMR184/45W, OMR185/30W,
OMR186/15W). Power dissipation is determined by the input/output differential and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output voltage range.
Note 3: I
FULL LOAD curve is defined as the minimum value of current limit as a function of input to output voltage.
Note that power
dissipation is only achievable over a limited range of input to output voltage.
Note 4: Dropout voltage is specified over the full output current range of the device.
Note 5: Refer to curves for typical characteristics versus total dose radiation levels.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com