Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2801R5S/EM Datasheet(PDF) 6 Page - International Rectifier

Part # Z2801R5S/EM
Description  LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

Z2801R5S/EM Datasheet(HTML) 6 Page - International Rectifier

  Z2801R5S/EM Datasheet HTML 1Page - International Rectifier Z2801R5S/EM Datasheet HTML 2Page - International Rectifier Z2801R5S/EM Datasheet HTML 3Page - International Rectifier Z2801R5S/EM Datasheet HTML 4Page - International Rectifier Z2801R5S/EM Datasheet HTML 5Page - International Rectifier Z2801R5S/EM Datasheet HTML 6Page - International Rectifier Z2801R5S/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.irf.com
Z-SERIES
Single Output
Functional Block Diagram
S y nc hronous
Re c tifie r
O utput Filter
Po we r Switc h
C u rrent
S ense
Re c tifie r Ga te
Driv e Cir cu it
S e condary
Bia s
R egulator
E rro r A m p lifie r
V o ltage
C onditioner
R e m o te S ense
Sa m p le
Ho ld
Input E M I
Filter
1
2
4
3
5
7
6
8
9
11
Prim a ry Bia s
R egulator
/S w itchover
U nder/O ver
V o ltage
Inhibit
12
P u lse-W idth
Mo du la to r
/C ontro ller
Driv e
CS
Driv e
FB
Sy nc
S hutdow n
10
Pin No.
Designation
Pin No.
Designation
1
Input +
7
Output +
2
Input -
8
Output Return
3
Enable
9
Sense +
4
Sync. Input
10
Output Adjust
5
Output +
11
Sense -
6
Output Return
12
Chassis
Pin Designation
Part Numbering
Z 28 01R5 S /EM
Model
Input Voltage
28 = 28V Nominal
Outputs
S = Single
Output Voltage
01R5 = 1.5V
02R5 = 2.5V
03R3 = 3.3V
Screening
/EM = Engineering Model
Blank = Flight Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com