Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3028 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF3028
Description  Scotch-WeldTM Structural Core SpliceAdhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3028 Datasheet(HTML) 2 Page - 3M Electronics

  AF3028 Datasheet HTML 1Page - 3M Electronics AF3028 Datasheet HTML 2Page - 3M Electronics AF3028 Datasheet HTML 3Page - 3M Electronics AF3028 Datasheet HTML 4Page - 3M Electronics AF3028 Datasheet HTML 5Page - 3M Electronics AF3028 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Scotch-WeldTM
Structural Core Splice Adhesives
AF 3028 • AF 3028 FR
- 2 -
Product Performance
1. Volatile Content:
The volatile content for AF 3028 and AF 3028 FR was determined by measuring
the weight loss of a of 4" x 4" square sample of adhesive during cure (3M AdhD
Test Method C-286). The polyethylene separating liner was removed prior to cure.
Cure time was 1 hour.
250°F (121°C) Cure
350°F (176°C) Cure
Volatile content for AF 3028:
Less than 1%
Less than 1%
Volatile content for AF 3028 FR:
Less than 1%
Less than 1%
2. Cured Density:
The free film cured density for AF 3028 and AF 3028 FR was determined by
weighing 1" x 1" cured specimens and dividing by the volume of the specimens
(3M AdhD Test Method C-2310). Specimens were cured for 1 hour at 250°F
(121°C), 4-6°F rise rate/minute.
AF 3028
AF 3028 FR
Cured Density (Typical)
34 lb/ft3 (.54 g/cc)
29 lb/ft3 (.46 g/cc)
3. Expansion During Cure:
The free film expansion ratio for AF 3028 and AF 3028 FR was determined by
dividing the average cured thickness of the cured density specimens by the average
original (uncured) thickness (3M AdhD Test Method C-286).
Cure Cycle:
250°F (121°C), 60 minutes
350°F (176°C), 60 minutes
4-6°F/minute
4-6°F/minute
0 PSIG
0 PSIG
AF 3028
AF 3028 FR
AF 3028
Expansion Ratio (Typical):
1.8
2.1
1.9
4. Slump or Sag:
Sag during cure was measured by laminating a 4" x 4" piece of adhesive to an
8" x 8" x 0.020" clean aluminum panel. It was then placed in a vertical position with
the bottom edge horizontal. A scribe line was made along the bottom 4" edge of the
adhesive. This assembly was cured as given below and slump or sag is the distance
the adhesive flowed beyond the scribe line (3M AdhD Test Method C-277).
Cure Cycle:
250°F (121°C), 90 minutes
350°F (176°C), 90 minutes
4-6°F/minute
4-6°F/minute
0 PSIG
0 PSIG
AF 3028
AF 3028 FR
AF 3028
Sag or Slump (Typical):
0.03" (0.8 mm) 0.02" (0.5 mm)
0.03" (0.8 mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com