Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8673 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8673
Description  3M™ Polyurethane Protective Tape 8673 & 8673DL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8673 Datasheet(HTML) 2 Page - 3M Electronics

  8673 Datasheet HTML 1Page - 3M Electronics 8673 Datasheet HTML 2Page - 3M Electronics 8673 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
3M™ Polyurethane Protective Tape 8673 & 8673DL
B. Physical Properties
Property
Test Method
Units
Typical Value
Tensile Strength @ Break
ASTM D882
lb/in (N/100 mm)
70 (1228)
Elongation % @ Break
ASTM D882
%
500
Peel Adhesion @ 70°F (21°C) to:
Bare Aluminum
Acrylic Enamel Paint
ABS Plastic
ASTM D-1000 oz/in (N/100 mm)
69 (76)
48 (52)
55 (60)
Max. Service Temperature
°F (°C)
200°F (93°C)
General Information
•
3M 8673 and 8673DL Tapes may be painted per 3M™ Technical Bulletin “Polyurethane Protective Tape, Paint
Instructions” (70-0702-6358-0).
•
3M™ Adhesion Promoter 86A* may be used with 3M 8673 Tape and 3M 8673DL Tapes to increase adhesion for
difficult substrates or longer term or permanent applications.
•
If edge sealing is required, for protection against moisture or fluid exposure, 3M™ Scotch-Weld™ Epoxy
Adhesive DP190 is frequently used.
*Note: Consult local air quality rules which may regulate product use.
Safety and Regulatory
This product is considered to be an article that does not release or otherwise result in exposure to a hazardous
chemical under normal use conditions.
Shipping and Storage
No special/hazardous labeling or packaging required and no regulations for air, ground or water shipment for this
product. Keep film in a clean area, away from excessive moisture and out of direct sunlight. Store rolls in the shipping
carton. Return partially used rolls to the shipping carton. Shelf Life: Two (2) years from the date of manufacture or as
certified by 3M.
Precautionary Information
Refer to Product Label and Safety Data Sheet for health and safety information before using this product. For additional health and
safety information, call 1-800-364-3577 or (651) 737-6501, and visit www.3m.com/3M/en_US/company-us/SDS-search/
For Additional information
In the U.S., call toll free 1-800-235-2376, or fax 1-800-435-3082 or 651-737-2171. For U.S. Military, call 1-866-556-5714.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com