Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1D096LE7 Datasheet(PDF) 3 Page - Schneider Electric

Part # LC1D096LE7
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 208 V AC coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D096LE7 Datasheet(HTML) 3 Page - Schneider Electric

  LC1D096LE7 Datasheet HTML 1Page - Schneider Electric LC1D096LE7 Datasheet HTML 2Page - Schneider Electric LC1D096LE7 Datasheet HTML 3Page - Schneider Electric LC1D096LE7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Inrush power in VA
70 VA 60 Hz cos phi 0.75 (at 20 °C)
70 VA 50 Hz cos phi 0.75 (at 20 °C)
Hold-in power consumption in VA
7.5 VA 60 Hz cos phi 0.3 (at 20 °C)
7 VA 50 Hz cos phi 0.3 (at 20 °C)
Heat dissipation
2…3 W at 50/60 Hz
Auxiliary contacts type
type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1
type mirror contact 1 NC conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA for signalling circuit
Minimum switching voltage
17 V for signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm for signalling circuit
Contact compatibility
M2
Compatibility code
LC1D
Environment
IP degree of protection
IP20 front face conforming to IEC 60529
Protective treatment
TH conforming to IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…60 °C
60…70 °C with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...3000 m
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open: 2 Gn, 5...300 Hz
Vibrations contactor closed: 4 Gn, 5...300 Hz
Shocks contactor open: 10 Gn for 11 ms
Shocks contactor closed: 15 Gn for 11 ms
Height
3.03 in (77 mm)
Width
1.77 in (45 mm)
Depth
3.39 in (86 mm)
Net Weight
0.71 lb(US) (0.32 kg)
Ordering and shipping details
Category
22354 - CTR,TESYS D,OPEN,9-38A AC
Discount Schedule
I12
GTIN
00785901272502
Nbr. of units in pkg.
1
Package weight(Lbs)
1 lb(US) (0.45 kg)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.70 in (9.4 cm)
Package 1 width
3.19 in (8.1 cm)
Package 1 Length
2.13 in (5.4 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com