Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC1D096SD Datasheet(PDF) 2 Page - Schneider Electric

Part # LC1D096SD
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 72 V DC coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D096SD Datasheet(HTML) 2 Page - Schneider Electric

  LC1D096SD Datasheet HTML 1Page - Schneider Electric LC1D096SD Datasheet HTML 2Page - Schneider Electric LC1D096SD Datasheet HTML 3Page - Schneider Electric LC1D096SD Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[Uimp] rated impulse withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free air thermal
current
25 A 140 °F (60 °C) power circuit
10 A (at 60 °C) for signalling circuit
Irms rated making capacity
250 A 440 V power circuit IEC 60947
140 A AC for signalling circuit conforming to IEC 60947-5-1
250 A DC for signalling circuit conforming to IEC 60947-5-1
Rated breaking capacity
250 A 440 V power circuit IEC 60947
[Icw] rated short-time withstand current
105 A 104 °F (40 °C) - 10 s power circuit
210 A 104 °F (40 °C) - 1 s power circuit
30 A 104 °F (40 °C) - 10 min power circuit
61 A 104 °F (40 °C) - 1 min power circuit
100 A - 1 s for signalling circuit
120 A - 500 ms for signalling circuit
140 A - 100 ms for signalling circuit
Associated fuse rating
10 A gG for signalling circuit conforming to IEC 60947-5-1
25 A gG <= 690 V type 1 power circuit
20 A gG <= 690 V type 2 power circuit
Average impedance
2.5 mOhm - Ith 25 A 50 Hz power circuit
[Ui] rated insulation voltage
Power circuit: 690 V conforming to IEC 60947-4-1
Power circuit 600 V CSA
Power circuit 600 V UL
Signalling circuit: 690 V conforming to IEC 60947-1
Signalling circuit 600 V CSA
Signalling circuit 600 V UL
Electrical durability
0.6 Mcycles 25 A AC-1 <= 440 V
2 Mcycles 9 A AC-3 <= 440 V
Power dissipation per pole
1.56 W AC-1
0.2 W AC-3
Front cover
With
Mounting support
Plate
Rail
Standards
CSA C22.2 No 14
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
Product certifications
RINA
CSA
DNV
LROS (Lloyds register of shipping)
BV
GL
GOST
UL
CCC
Connections - terminals
Control circuit: lugs-ring terminals (external diameter: 8 mm)
Power circuit: lugs-ring terminals (external diameter: 8 mm)
Tightening torque
Control circuit: 1.7 N.m - on lugs-ring terminals - with screwdriver flat Ø 6 mm M3.5
Control circuit: 1.7 N.m - on lugs-ring terminals - with screwdriver Philips No 2 M3.5
Power circuit: 1.7 N.m - on lugs-ring terminals - with screwdriver flat Ø 8 mm M3.5
Power circuit: 1.7 N.m - on lugs-ring terminals - with screwdriver Philips No 2 M3.5
Operating time
53.55...72.45 ms closing
16...24 ms opening
Safety reliability level
B10d = 1369863 cycles contactor with nominal load conforming to EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load conforming to EN/ISO 13849-1
Mechanical durability
30 Mcycles
Maximum operating rate
3600 cyc/h 60 °C
Complementary
Coil technology
Built-in bidirectional peak limiting diode suppressor
Control circuit voltage limits
0.1...0.25 Uc (-40…70 °C):drop-out DC
0.7...1.25 Uc (-40…60 °C):operational DC
1...1.25 Uc 140…158 °F (60…70 °C) operational DC
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com