Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMS-AS-100-MK-HS-RMB Datasheet(PDF) 1 Page - Festo Corporation.

Part # EMMS-AS-100-MK-HS-RMB
Description  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMS-AS-100-MK-HS-RMB Datasheet(HTML) 1 Page - Festo Corporation.

  EMMS-AS-100-MK-HS-RMB Datasheet HTML 1Page - Festo Corporation. EMMS-AS-100-MK-HS-RMB Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Servo motor
EMMS-AS-100-MK-HS-RMB
Part number: 560898
Data sheet
Feature
Value
Number of pole pairs
6
Type code
EMMS-AS
Rotor position sensor
Absolute encoder, multi-turn
Rotor position sensor interface
EnDat® 22
Rotor position sensor measuring principle
Inductive
Temperature monitoring
PTC resistor
Max. rotational speed
4030 1/min
Nominal rotary speed
3400 1/min
Brake DC operating voltage
24 V
Insulation protection class
F
Brake power consumption
18 W
Motor constants
1.652 Nm/A
Motor nominal power
2000 W
DC nominal voltage
565 V
Motor nominal current
3.4 A
Rotor position sensor resolution
19 bit
Phase-phase winding resistance
3.25 Ohm
Winding inductance phase-phase
12.3 mH
Type of winding switch
Star inside
Peak current
15 A
Voltage constant, phase-to-phase
99.15 mVmin
Rating class according to EN 60034-1
S1
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 90 %
Degree of protection
IP54
Ambient temperature
-10 °C ... 40 °C
Certification
RCM compliance mark
c UL us - Recognized (OL)
Total output inertia moment
5.285 kgcm²
Brake holding torque
9 Nm
Brake mass moment of inertia
0.555 kgcm²
Nominal torque
5.69 Nm
Peak torque
22.1 Nm
1/25/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - EMMS-AS-100-MK-HS-RMB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMS-AS-100-MK-HS-RMB-S1 FESTO-EMMS-AS-100-MK-HS-RMB-S1 Datasheet
87Kb / 2P
Servo motor
More results

Similar Description - EMMS-AS-100-MK-HS-RMB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMS-AS-40-S-LS-TS FESTO-EMMS-AS-40-S-LS-TS Datasheet
92Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RR FESTO-EMMS-AS-55-M-HS-RR Datasheet
105Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RRB FESTO-EMMS-AS-55-M-HS-RRB Datasheet
106Kb / 2P
Servo motor
EMMS-AS-55-MK-HS-TS-S1 FESTO-EMMS-AS-55-MK-HS-TS-S1 Datasheet
90Kb / 2P
Servo motor
EMMS-AS-55-M-LS-RRB FESTO-EMMS-AS-55-M-LS-RRB Datasheet
106Kb / 2P
Servo motor
EMME-AS-80-S-LS-AMB FESTO-EMME-AS-80-S-LS-AMB Datasheet
82Kb / 2P
Servo motor
EMME-AS-100-M-HS-AM FESTO-EMME-AS-100-M-HS-AM Datasheet
79Kb / 2P
Servo motor
EMME-AS-100-MK-HS-AMX FESTO-EMME-AS-100-MK-HS-AMX Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AM FESTO-EMME-AS-100-S-HS-AM Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AMX FESTO-EMME-AS-100-S-HS-AMX Datasheet
82Kb / 2P
Servo motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com