Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSLE2727312 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSLE2727312
Description  plastic safety switch XCSLE - 4 NC - slow break - 3 entries tapped M20 - 24 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSLE2727312 Datasheet(HTML) 1 Page - Schneider Electric

  XCSLE2727312 Datasheet HTML 1Page - Schneider Electric XCSLE2727312 Datasheet HTML 2Page - Schneider Electric XCSLE2727312 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jan 29, 2021
1
Product data sheet
Characteristics
XCSLE2727312
plastic safety switch XCSLE - 4 NC - slow
break - 3 entries tapped M20 - 24 V
Main
Range of product
Preventa Safety detection
Product or component
type
Safety switch
Component name
XCSLE
Design
Slim
Material
Plastic
Head type
Key operated turret head
Contacts type and
composition
2 NC
Contact operation
Slow-break, simultaneous
Solenoid contacts type
and composition
2 NC (slow-break, simultaneous)
Cable entry
3 entries tapped for M20 x 1.5
Electromagnet
interlocking
Locking on de-energisation and unlocking on
energisation of solenoid
[Us] solenoid rated supply
voltage
24 V - 15...10 %
Cable outer diameter
7…13 mm
Electrical connection
Spring terminal, clamping capacity: 1 x 1.5 mm²
flexible or solid cable
Spring terminal, clamping capacity: 2 x 0.5 mm²
flexible cables with 13 mm bared ends
Number of poles
2
Locking options
description
With interlocking, locking by solenoid
Local signalling
1 LED (orange) for actuator withdrawn
1 LED (green) for actuator inserted and locked
Signalling circuit voltage
24 V
Complementary
Insulation
Double insulated
Positive opening
With NC contact
Supply voltage type
AC/DC
Supply frequency
50/60 Hz
Load factor
1
Signalling circuit type
AC/DC
Mechanical durability
1000000 cycles
Minimum actuation speed
0.01 m/s
Maximum actuation speed
0.5 m/s
[Ie] rated operational current
0.55 A at 24 V, DC-13, R300 conforming to EN/IEC 60947-5-1
0.75 A at 240 V, AC-15, C300 conforming to EN/IEC 60947-5-1
[Ithe] conventional enclosed thermal current
4 A
Maximum load current
<= 15 A
[Ui] rated insulation voltage
300 V conforming to UL 508
300 V conforming to CSA C22.2 No 14
250 V (pollution degree 3) conforming to EN/IEC 60947-1
[Uimp] rated impulse withstand voltage
EN/IEC 60947-5-1 4 kV
Minimum switching current
10 mA at 20 °C
Minimum switching voltage
17 V


Similar Part No. - XCSLE2727312

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSLE2727313 SCHNEIDER-XCSLE2727313 Datasheet
85Kb / 2P
plastic safety switch XCSLE - 4 NC - slow break - 3 entries tapped 1/2" NPT-24V
Jan 29, 2021
XCSLE272731M2 SCHNEIDER-XCSLE272731M2 Datasheet
87Kb / 2P
plastic key operated solenoid switch XCSLE - 4NC - slow - M23 connector - 24V
Jan 29, 2021
More results

Similar Description - XCSLE2727312

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSLE2525342 SCHNEIDER-XCSLE2525342 Datasheet
86Kb / 3P
plastic safety switch XCSLE - 2NC2NO- slow break - 3 entries tapped M20 -230V
Jan 29, 2021
XCSLE2525512 SCHNEIDER-XCSLE2525512 Datasheet
86Kb / 3P
plastic safety switch XCSLE - 2NC2NO- slow break - 3 entries tapped M20 - 24V
Jan 29, 2021
XCSLE2727332 SCHNEIDER-XCSLE2727332 Datasheet
86Kb / 3P
plastic safety switch XCSLE - 4 NC - slow break - 3 entries tapped M20 - 120 V
Jan 29, 2021
XCSLE2727333 SCHNEIDER-XCSLE2727333 Datasheet
85Kb / 2P
plastic safety switch XCSLE-4 NC- slow break - 3 entries tapped 1/2
Jan 29, 2021
XCSLE2727512 SCHNEIDER-XCSLE2727512 Datasheet
86Kb / 3P
plastic safety switch XCSLE - 4 NC - slow break - 3 entries tapped M20 - 120 V
Jan 29, 2021
XCSLE3535312 SCHNEIDER-XCSLE3535312 Datasheet
86Kb / 3P
plastic safety switch XCSLE - 2NC4NO- slow break - 3 entries tapped M20 - 24V
Jan 29, 2021
XCSLE3535342 SCHNEIDER-XCSLE3535342 Datasheet
86Kb / 3P
plastic safety switch XCSLE - 2NC4NO- slow break - 3 entries tapped M20 -230V
Jan 29, 2021
XCSLE3838312 SCHNEIDER-XCSLE3838312 Datasheet
86Kb / 3P
plastic safety switch XCSLE - 6 NC - slow break - 3 entries tapped M20 - 24V
Jan 29, 2021
XCSLE3838342 SCHNEIDER-XCSLE3838342 Datasheet
87Kb / 3P
plastic safety switch XCSLE - 6 NC - slow break - 3 entries tapped M20 - 230 V
Jan 29, 2021
XCSLF2727312 SCHNEIDER-XCSLF2727312 Datasheet
87Kb / 2P
metal safety switch XCSLF - 4 NC - slow break - 3 entries tapped M20 - 24 V
Jan 29, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com