Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IST Datasheet(PDF) 38 Page - STMicroelectronics

Part # TSZ182IST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IST Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TSZ182IST Datasheet HTML 34Page - STMicroelectronics TSZ182IST Datasheet HTML 35Page - STMicroelectronics TSZ182IST Datasheet HTML 36Page - STMicroelectronics TSZ182IST Datasheet HTML 37Page - STMicroelectronics TSZ182IST Datasheet HTML 38Page - STMicroelectronics TSZ182IST Datasheet HTML 39Page - STMicroelectronics TSZ182IST Datasheet HTML 40Page - STMicroelectronics TSZ182IST Datasheet HTML 41Page - STMicroelectronics TSZ182IST Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Contents
1
Package pin connections ..........................................................2
2
Absolute maximum ratings and operating conditions ..............................3
3
Electrical characteristics...........................................................4
4
Electrical characteristic curves ....................................................9
5
Application information ...........................................................17
5.1
Operation theory .............................................................. 17
5.1.1
Time domain ........................................................... 17
5.1.2
Frequency domain ...................................................... 18
5.2
Operating voltages ............................................................ 18
5.3
Input pin voltage ranges ........................................................ 18
5.4
Rail-to-rail input/output ......................................................... 19
5.5
Input offset voltage drift over temperature ......................................... 19
5.6
Capacitive load ............................................................... 19
5.7
PCB layout recommendations ................................................... 21
5.8
Optimized application recommendation ........................................... 21
5.9
EMI rejection ration (EMIRR).................................................... 21
5.10
1/f noise ..................................................................... 22
5.11
Overload recovery............................................................. 23
5.12
Phase reversal protection ...................................................... 23
5.13
Open loop gain close to the rail .................................................. 24
5.14
Application examples .......................................................... 24
5.14.1
Measuring gas concentration using the NDIR principle (thermopile) ................. 24
5.14.2
Precision instrumentation amplifier .......................................... 25
5.14.3
Low-side current sensing ................................................. 26
6
Package information..............................................................28
6.1
DFN6 1.2x1.3 package information............................................... 28
6.2
DFN8 2 x 2 package information................................................. 30
6.3
MiniSO8 package information ................................................... 32
6.4
SO-8 package information ...................................................... 33
TSZ181, TSZ182
Contents
DS11863 - Rev 5
page 38/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com