Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1908
Description  3M??Novec??1908 Electronic Grade Coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1908 Datasheet(HTML) 1 Page - 3M Electronics

  1908 Datasheet HTML 1Page - 3M Electronics 1908 Datasheet HTML 2Page - 3M Electronics 1908 Datasheet HTML 3Page - 3M Electronics 1908 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M™ Novec™ 1908 Electronic
Grade Coating
3M Science. Applied to Life.™
Construction
Solids
Solvent
Color
Container Size
8.0 wt% fluorinated polymer
3M™ Novec™ 7100 and 7200 Engineered Fluids
Clear
1 gal (11 lbs./5kg)
Introduction
3M™ Novec™ 1908 Electronic Grade Coating is a single component fluorinated polymer diluted in 3M™ Novec™ 7100 and 7200
Engineered Fluids, segregated hydrofluoroether solvents, providing a low viscosity, low surface tension coating solution. Designed
for moisture and corrosion protection of printed circuit boards and electronic components, it dries to an ultrathin, transparent
coating with excellent hydrophobic and oleophobic properties. It does not need curing and is easy to apply. Novec 1908 coating
is non-flammable, non-ozone-depleting, low in toxicity, low in GWP, RoHS compliant, and VOC exempt (Per the U.S. EPA).*
Table 1: Typical physical properties
Not for specification purposes. All values @ 25°C unless otherwise specified.
Properties
Coating Solution
Appearance
Clear, colorless liquid solution
Solids
8 wt% fluorinated polymer
Solvent
3M™ Novec™ 7100 and 7200 Engineered Fluids
Density
1.44 g/ml @ 23°C
Viscosity
2.2 cP
Boiling Point per ASTM D1120-94
75°C (167°F)
Flash Point
None (per closed cup method)
Environmental
Low in toxicity, low in GWP, non-ozone depleting, non-flammable, VOC exempt
(Per the U.S. EPA)* RoHS compliant, contains no chlorine or bromine
Shelf Life
Two years from date of manufacture in original unopened package
*The U.S. EPA defines a VOC as “any compound of carbon, excluding carbon
monoxide, carbon dioxide, carbonic acid, metallic carbides or carbonates
and ammonium carbonate, which participates in atmospheric photochemical
reactions, except those designated by the EPA as having negligible
photochemical reactivity.” This product is VOC exempt per the U.S. EPA.


Similar Part No. - 1908

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1908 WELWYN-1908 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
1908 TTELEC-1908 Datasheet
907Kb / 7P
Manufactured ROHS compliant pb-free terminations
1908 TTELEC-1908 Datasheet
921Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
1908 TTELEC-1908 Datasheet
1,009Kb / 7P
Wirewound Resistors Wirewound Resistors
01.21
logo
Thurlby Thandar Instrum...
1908 AIM-TTI-1908 Datasheet
4Mb / 14P
±200V & ±20V models Source Measure Units
More results

Similar Description - 1908

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
3M™ Novec™ 7200 Engineered Fluid
4710 3M-4710 Datasheet
394Kb / 4P
3M??Novec??4710 Insulating Gas
2708 3M-2708 Datasheet
119Kb / 4P
3M??Novec??2708 Electronic Grade Coating
2704 3M-2704 Datasheet
118Kb / 4P
3M??Novec??2704 Electronic Grade Coating
2202 3M-2202 Datasheet
119Kb / 4P
3M??Novec??2202 Electronic Grade Coating
1904 3M-1904 Datasheet
505Kb / 4P
3M??Novec??1904 Electronic Grade Coating
1902 3M-1902 Datasheet
505Kb / 4P
3M??Novec??1902 Electronic Grade Coating
1720 3M-1720 Datasheet
116Kb / 2P
3M??Novec??1720 Electronic Grade Coating
1710 3M-1710 Datasheet
119Kb / 4P
3M??Novec??1710 Electronic Grade Coating
1702 3M-1702 Datasheet
118Kb / 4P
3M??Novec??1702 Electronic Grade Coating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com