Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1720 Datasheet(PDF) 2 Page - 3M Electronics

Part # 1720
Description  3M??Novec??1720 Electronic Grade Coating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1720 Datasheet(HTML) 2 Page - 3M Electronics

  1720 Datasheet HTML 1Page - 3M Electronics 1720 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™Novec™1720 Electronic Grade Coating
Application Ideas
• Provides easy clean, smudge-
resistant protection for touch
screens, liquid crystal and flat
panel displays, mobile electronic
handhelds, electronic tablets and
other electronic components
and devices
• Can serve as
– an anti-stiction coating for liquid crystal displays, micromotors or
MEMS (Micro Electronic Mechanical Systems) components
– an anti-migration coating for displays, spindle motors or lubricated
electronic parts or
– an anti-corrosion coating for a variety of materials and components
Application Techniques
Can be dipped, sprayed or selectively deposited. Water should be kept out of coating bath as contact will decrease
the pot life. Surfaces to be coated should be clean and dried before application. The solvent will evaporate quickly
and the fluoropolymer film will dry in minutes. The coating should be thermally cured in an oven for best results.
Application Options
Dipping (preferred), spray or syringe dispense
Drying/Curing
Dries at room temperature; can be handled in under two minutes;
thermally cure at 135°C for 10-15 minutes
Removability
Permanent once cured
Safety, Handling, Storage, Shelf Life
To avoid thermal decomposition, neither the coating solution nor the dried fluoropolymer film should be
subjected to temperatures above 250°C (482°F). When stored under conditions of 16-27°C (60-80°F) and less
than 60% R.H. in the original, unopened container, the shelf life is certified for two years. Before using this
product, please read the current product Material Safety Data Sheet (available through your 3M sales or technical
service representative or at www.3M.com/Novec) and the precautionary statement on the product package.
Follow all applicable precautions and directions.
For Additional Information
To request additional product information or sales assistance, contact 3M Customer Service at one of the numbers
below or visit www.3M.com/Novec. For other 3M global offices or information on other 3M products for
electronics, visit our web site at 3M.com/electronics.
Please recycle. Printed in USA.
© 3M 2014. All rights reserved.
Issued: 3/14 9784HB
60-5002-0519-4
3M and Novec are trademarks of 3M Company.
Used under license by 3M subsidiaries and affiliates.
Electronics Markets Materials Division
3M Center, Building 224-3N-11
St. Paul, MN 55144-1000
www.3M.com/novec
1-800-810-8513
3
Product Use: All statements, technical information and recommendations contained in this document are based on tests or experience that 3M believes are reliable. However,
many factors beyond 3M’s control can affect the use and performance of a 3M product in a particular application, including conditions under which the product is used and the
time and environmental conditions in which the product is expected to perform. Since these factors are uniquely within the user’s knowledge and control, it is essential that the
user evaluate the 3M product to determine whether it is fit for a particular purpose and suitable for the user’s method of application.
Warranty and Limited Remedy: Unless stated otherwise in 3M’s product literature, packaging inserts or product packaging for individual products, 3M warrants that each
3M product meets the applicable specifications at the time 3M ships the product. Individual products may have additional or different warranties as stated on product literature,
package inserts or product packages. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED, INCLUDING BUT NOT LIMITED TO, ANY IMPLIED WARRANTIES OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE. User
is responsible for determining whether the 3M product is fit for a particular purpose and suitable for user’s application. If the 3M product is defective within the warranty period,
your exclusive remedy and 3M’s and seller’s sole obligation will be, at 3M’s option, to replace the product or refund the purchase price.
Limitation of Liability: Except where prohibited by law, 3M and seller will not be liable for any loss or damage arising from the 3M product, whether direct, indirect, special,
incidental, or consequential regardless of the legal theory asserted, including warranty, contract, negligence or strict liability.
The Novec brand is the hallmark for a variety of proprietary 3M products. Although each has its own unique formula and performance properties, all
Novec products are designed in common to address the need for safe, effective, sustainable solutions in industry-specific applications. These include
precision and electronics cleaning, heat transfer, fire protection, lubricant deposition and several specialty chemical applications.
The 3M™ Novec™
Brand Family
3M™ Novec™ Engineered Fluids 3M™ Novec™ Aerosol Cleaners 3M™ Novec™1230 Fire Protection Fluid 3M™ Novec™ Electronic Grade Coatings 3M™ Novec™ Electronic Surfactants
United States
3M Electronics Markets
Materials Division
800 810 8513
China
3M China Ltd.
86 21 6275 3535
Europe
3M Belgium N.V.
32 3 250 7521
Japan
Sumitomo 3M Limited
813 3709 8250
Korea
3M Korea Limited
82 2 3771 4114
Singapore
3M Singapore Pte. Ltd.
65 64508888
Taiwan
3M Taiwan Ltd.
866 2 2704 9011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com