Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11L Datasheet(PDF) 2 Page - 3M Electronics

Part # 11L
Description  Scotchgard??Bonnet Cleaner Concentrate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

11L Datasheet(HTML) 2 Page - 3M Electronics

  11L Datasheet HTML 1Page - 3M Electronics 11L Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 3M 2018. All rights reserved.
3M and Scotchgard are trademarks of 3M.
Used under license in Canada.
All other trademarks are property of their respective owners.
Revision B, March 2018. Please recycle.
Scotchgard™ Bonnet Cleaner
Concentrate 11L
Commercial Solutions Division
3M Center, Building 220-12E-04
St. Paul, MN 55144
1-800-328-0033
3M.com/Facility
Warranty
3M warrants that each 3M product will be free from defects in
material and manufacture for 90 days from the date of purchase
from 3M's authorized distributor. 3M MAKES NO OTHER
EXPRESS OR IMPLIED WARRANTIES, INCLUDING ANY IMPLIED
WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PAR-
TICULAR PURPOSE.
Limited Remedy
If a 3M product does not conform to this warranty, the sole and
exclusive remedy is, at 3M's option, replacement of the 3M prod-
uct or refund of the purchase price.
No Extension of Warranty
In the case of an approved warranty claim, the replacement
Product will carry only the remaining term of the original warranty
period.
Limitation of Liability
Except where prohibited by law, 3M will not be liable for any loss
or damage arising from the 3M product, whether direct, indirect,
special, incidental or consequential, regardless of the legal theory
asserted.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com