Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSLF3535513 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSLF3535513
Description  metal safety switch XCSLF-2NC4NO- slow break - 3 entries tapped 1/2" NPT-24V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSLF3535513 Datasheet(HTML) 2 Page - Schneider Electric

  XCSLF3535513 Datasheet HTML 1Page - Schneider Electric XCSLF3535513 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Minimum actuator force for extraction
20 N
Resistance to mechanical impact
9.6 J against the partition
6.4 J without partition
Maximum operating rate
10 cyc/mn for maximum durability
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 conforming to EN/IEC 61508
Safety reliability data
B10d = 5500000 value given for a life time of 20 years limited by mechanical or
contact wear
Body material
Zamak
Head material
Zamak
Depth
51 mm
Height
205 mm
Width
44 mm
Net weight
1.1 kg
Environment
Standards
UL 508
EN/ISO 13849-1
EN/IEC 60947-5-1
EN/IEC 60204-1
EN 1088/ISO 14119
CSA C22.2 No 14
EN/IEC 62061
Product certifications
UL
CSA
TÜV
Protective treatment
TC
Ambient air temperature for operation
-25…60 °C
Ambient air temperature for storage
-40…70 °C
Vibration resistance
5 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
10 gn for 11 ms conforming to IEC 60068-2-27
Electrical shock protection class
Class I conforming to EN/IEC 61140
IP degree of protection
IP66 conforming to EN/IEC 60529 and EN/IEC 60947-5-1
IP67
Packing Units
Package 1 Weight
1.167 kg
Package 1 Height
0.570 dm
Package 1 width
0.730 dm
Package 1 Length
2.280 dm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com