Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSLF3737513 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSLF3737513
Description  metal safety switch XCSLF - 4NC2NO- slow break - 3 entries tapped 1/2" NPT-24V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSLF3737513 Datasheet(HTML) 1 Page - Schneider Electric

  XCSLF3737513 Datasheet HTML 1Page - Schneider Electric XCSLF3737513 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 29, 2021
1
Product data sheet
Characteristics
XCSLF3737513
metal safety switch XCSLF - 4NC+2NO- slow
break - 3 entries tapped 1/2" NPT-24V
Main
Range of product
Preventa Safety detection
Product or component
type
Safety switch
Component name
XCSLF
Design
Slim
Material
Metal
Head type
Key operated turret head
Contacts type and
composition
2 NC + 1 NO
Contact operation
Slow-break, break before make
Solenoid contacts type
and composition
2 NC + 1 NO (slow-break, break before make)
Cable entry
3 entries tapped for 1/2" NPT
Electromagnet
interlocking
Locking on energisation and unlocking on de-
energisation of solenoid
[Us] solenoid rated supply
voltage
24 V - 15...10 %
Electrical connection
Spring terminal, clamping capacity: 1 x 1.5 mm²
flexible or solid cable
Spring terminal, clamping capacity: 2 x 0.5 mm²
flexible cables with 13 mm bared ends
Number of poles
3
Locking options
description
With interlocking, locking by solenoid
Local signalling
1 LED (orange) for actuator withdrawn
1 LED (green) for actuator inserted and locked
Signalling circuit voltage
24 V
Complementary
Positive opening
With NC contact
Supply voltage type
AC/DC
Supply frequency
50/60 Hz
Load factor
1
Signalling circuit type
AC/DC
Mechanical durability
1000000 cycles
Minimum actuation speed
0.01 m/s
Maximum actuation speed
0.5 m/s
[Ie] rated operational current
0.55 A at 24 V, DC-13, R300 conforming to EN/IEC 60947-5-1
0.75 A at 240 V, AC-15, C300 conforming to EN/IEC 60947-5-1
[Ithe] conventional enclosed thermal current
4 A
Maximum load current
<= 15 A
[Ui] rated insulation voltage
300 V conforming to UL 508
300 V conforming to CSA C22.2 No 14
250 V (pollution degree 3) conforming to EN/IEC 60947-1
[Uimp] rated impulse withstand voltage
4 kV EN/IEC 60947-5-1
Minimum switching current
10 mA at 20 °C
Minimum switching voltage
17 V
Short-circuit protection
4 A cartridge fuse type gG (gl)
6 A type fast blow
Maximum actuator forcible withdrawal rtc
3000 N


Similar Part No. - XCSLF3737513

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSLF3737512 SCHNEIDER-XCSLF3737512 Datasheet
87Kb / 2P
metal safety switch XCSLF - 4 NC 2NO- slow break - 3 entries tapped M20 - 24V
Jan 29, 2021
XCSLF373751M3 SCHNEIDER-XCSLF373751M3 Datasheet
86Kb / 2P
metal key operated solenoid switch XCSLF - 4NC2NO - slow - M23 connector - 24V
More results

Similar Description - XCSLF3737513

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSLF3535313 SCHNEIDER-XCSLF3535313 Datasheet
87Kb / 2P
metal safety switch XCSLF-2NC4NO- slow break - 3 entries tapped 1/2" NPT-24V
Jan 29, 2021
XCSLF3737313 SCHNEIDER-XCSLF3737313 Datasheet
87Kb / 2P
metal safety switch XCSLF - 4NC2NO- slow break - 3 entries tapped 1/2" NPT-24V
Jan 29, 2021
XCSLF3737332 SCHNEIDER-XCSLF3737332 Datasheet
87Kb / 2P
metal safety switch XCSLF - 4NC2NO- slow break - 3 entries tapped M20 - 120 V
Jan 29, 2021
XCSLF3737333 SCHNEIDER-XCSLF3737333 Datasheet
87Kb / 2P
metal safety switch XCSLF-4NC2NO- slow break - 3 entries tapped 1/2" NPT - 120V
Jan 29, 2021
XCSLF3737342 SCHNEIDER-XCSLF3737342 Datasheet
87Kb / 2P
metal safety switch XCSLF - 4NC2NO- slow break - 3 entries tapped M20 - 230 V
Jan 29, 2021
XCSLF3737343 SCHNEIDER-XCSLF3737343 Datasheet
81Kb / 2P
metal safety switch XCSLF - 4NC2NO- slow break - 3 entries tapped 1/2" NPT-230V
Jan 29, 2021
XCSLF3737413 SCHNEIDER-XCSLF3737413 Datasheet
86Kb / 2P
metal safety switch XCSLF - 4NC2NO- slow break - 3 entries tapped 1/2" NPT-24V
Jan 29, 2021
XCSLF3737533 SCHNEIDER-XCSLF3737533 Datasheet
87Kb / 2P
metal safety switch XCSLF-4NC2NO- slow break - 3 entries tapped 1/2" NPT - 120V
Jan 29, 2021
XCSLF3737543 SCHNEIDER-XCSLF3737543 Datasheet
87Kb / 2P
metal safety switch XCSLF - 4NC2NO- slow break - 3 entries tapped 1/2" NPT-230V
Jan 29, 2021
XCSLF3737613 SCHNEIDER-XCSLF3737613 Datasheet
84Kb / 2P
metal safety switch XCSLF - 4NC2NO- slow break - 3 entries tapped 1/2" NPT-24V
Jan 29, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com