Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB779 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB779
Description  Silicon PNP epitaxial planer type(For low-frequency output amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB779 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB779 Datasheet HTML 1Page - Panasonic Semiconductor 2SB779 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SB779
Silicon PNP epitaxial planer type
For low-frequency output amplification
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Satisfactory linearity of hFE at the low collector voltage.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–25
–20
–7
–1
– 0.5
200
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –25V, IE = 0
VCE = –20V, IB = 0
IC = –10µA, IE = 0
IC = –1mA, IB = 0
IE = –10µA, IC = 0
VCE = –2V, IC = –0.5A
*2
VCE = –2V, IC = –1A
*2
IC = –500mA, IB = –50mA
*2
IC = –500mA, IB = –50mA
*2
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–25
–20
–7
90
25
typ
– 0.2
150
15
max
–100
–1
220
– 0.4
–1.2
Unit
nA
µA
V
V
V
V
V
MHz
pF
*h
FE1 Rank classification
Rank
Q
R
hFE1
90 ~ 155
130 ~ 220
Marking Symbol
1AQ
1AR
Marking symbol
: 1A
*2 Pulse measurement


Similar Part No. - 2SB779

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB779 PANASONIC-2SB779 Datasheet
68Kb / 3P
For low-frequency output amplification
More results

Similar Description - 2SB779

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1297 PANASONIC-2SB1297 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1398 PANASONIC-2SB1398 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1434 PANASONIC-2SB1434 Datasheet
60Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1438 PANASONIC-2SB1438 Datasheet
39Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1440 PANASONIC-2SB1440 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1446 PANASONIC-2SB1446 Datasheet
39Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1589 PANASONIC-2SB1589 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB767 PANASONIC-2SB767 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB819 PANASONIC-2SB819 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB976 PANASONIC-2SB976 Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com