Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 1 Page - SHIKUES Electronics

Part # KTA1663
Description  PNP-Silicon General use Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

KTA1663 Datasheet(HTML) 1 Page - SHIKUES Electronics

  KTA1663 Datasheet HTML 1Page - SHIKUES Electronics KTA1663 Datasheet HTML 2Page - SHIKUES Electronics KTA1663 Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Applications:Can be used for switching and amplifying in various
electrical and electronic circuit.
Maximum ratings
Parameters
Symbol
Rating
Unit
Collector-emitter voltage (IB=0)
VCEO
25
V
Collector-base voltage(IE=0)
VCBO
30
V
Emitter-base voltage(IC=0)
VEBO
6
V
Collector current
IC
1.5
A
Total
dissipation
power(TA=25℃)
*
Ptot
0.8
W
Junction temperature
Tjm
150
℃
Storage temperature
Tstg
-55~150
℃
* Device is mounted on a printed circuit board.
Electrical characteristics(Unless otherwise specified,TA=25℃)
Parameters
Symbol
Test condition
Min.
Max.
Unit
Collector-emitter breakdown voltage
V(BR)CEO
IC=2mA,IB=0
25
—
V
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
30
—
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
6
—
V
Forward current
transfer ratio
O
hFE
VCE=1V;IC=100mA
100
200
—
Y
160
320
—
Collector-base current
ICBO
VCB=35V,IE=0
—
100
nA
Collector-emitter saturation voltage
VCE(sat)
IC=800mA,IB=80mA
—
0.5
V
Characteristic frequency
fT
IC=50mA,VCE=10V,
f=100MHz
200
—
MHz
PNP-Silicon General use Transistors
0.8W、1.5A、25V
SOT-89
1
2
3
4
KTA1663
1 of 3
REV.08


Similar Part No. - KTA1663

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Weitron Technology
KTA1663 WEITRON-KTA1663 Datasheet
172Kb / 3P
PNP Epitaxial Planar Transistors
logo
Shenzhen Jin Yu Semicon...
KTA1663 HTSEMI-KTA1663 Datasheet
475Kb / 2P
TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1663 WINNERJOIN-KTA1663 Datasheet
138Kb / 1P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1663 HOTTECH-KTA1663 Datasheet
215Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - KTA1663

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC856ALT1 LRC-BC856ALT1 Datasheet
211Kb / 5P
General Purpose Transistors(PNP Silicon)
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
201Kb / 3P
PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
L2SA1577PT1G LRC-L2SA1577PT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-40WT1G LRC-LBC807-40WT1G Datasheet
101Kb / 3P
General Purpose Transistors PNP Silicon
LBC856ALT1G LRC-LBC856ALT1G_11 Datasheet
146Kb / 7P
General Purpose Transistors PNP Silicon
LBC858CWT1G LRC-LBC858CWT1G Datasheet
254Kb / 6P
General Purpose Transistors PNP Silicon
logo
SHIKUES Electronics
2SB798 SKTECHNOLGY-2SB798 Datasheet
873Kb / 3P
PNP-Silicon General use Transistors
2SB1114 SKTECHNOLGY-2SB1114 Datasheet
873Kb / 3P
PNP Silicon General USE Transistors
2SB1123 SKTECHNOLGY-2SB1123 Datasheet
730Kb / 3P
PNP-Silicon General use Transistors
2SD1614 SKTECHNOLGY-2SD1614 Datasheet
692Kb / 3P
NPN-Silicon General use Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com